Electronic Components Datasheet Search
  English  ▼

X  

H4423P Datasheet(PDF) 2 Page - Guangdong Huixin Electronic Technology Co., Ltd.

Part # H4423P
Description  30V P-CHANNEL MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

H4423P Datasheet(HTML) 2 Page - Guangdong Huixin Electronic Technology Co., Ltd.

  H4423P Datasheet HTML 1Page - Guangdong Huixin Electronic Technology Co., Ltd. H4423P Datasheet HTML 2Page - Guangdong Huixin Electronic Technology Co., Ltd. H4423P Datasheet HTML 3Page - Guangdong Huixin Electronic Technology Co., Ltd. H4423P Datasheet HTML 4Page - Guangdong Huixin Electronic Technology Co., Ltd. H4423P Datasheet HTML 5Page - Guangdong Huixin Electronic Technology Co., Ltd. H4423P Datasheet HTML 6Page - Guangdong Huixin Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics (@TA = +25°C unless otherwise specified.)
A. The value of RJA is measured with the device mounted on 1in
2 FR-4 board with 1oz. Copper, in a still air environment with T
A =25°
C. The value in any given
application depends on the user's specific board design.
B. The power dissipation PD is based on TJ(MAX)=150°C, using junction-to-case thermal resistance and is more useful in setting the upper dissipation limit for cases where
additional heatsinking is used.
C. Repetitive rating, pulse width limited by junction temperature TJ(MAX)=150°C. Ratings are based on low frequency and duty cycles to keep initial TJ=25°C.
D. The RJA is the sum of the thermal impedance from junction to case RJC and case to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
s pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-case thermal impedance which is measured with the device mounted on 1in
2 FR-4 board with 1oz. Copper, in a still air
environment with TA=25℃
G. The maximum current rating is package limited
Symbol
Parameter
Conditions
Min
Typ
Max
Units
STATIC PARAMETERS
BVDSS
Drain-Source Breakdown Voltage
ID=-250A, VGS=0V
-30
V
IDSS
Zero Gate Voltage Drain Current
VDS=-30V, VGS=0V
-1
A
TJ=55
℃
-5
IGSS
Gate-Body leakage current
VDS=0V, VGS= ±20
±100
nA
VGS(th)
Gate Threshold Voltage
VDS=VGS ID=-250A
-1.1
-1.58
-2.1
V
RDS(ON)
Static Drain-Source On-Resistance
VGS=-10V, ID=-20A
6
7.4
m

TJ=125
℃
9.1
11.3
VGS=-4.5V, ID=-16A
8.6
10.6
m

gFS
Forward Trans conductance
VDS=-5V, ID=-20A
70
S
VSD
Diode Forward Voltage
IS=-1A,VGS=0V
-0.7
-1
V
IS
Maximum Body-Diode Continuous Current
-34
A
DYNAMIC PARAMETERS
Ciss
Input Capacitance
VGS=0V, VDS=-15V,
f=1MHz
3406
pF
Coss
Output Capacitance
369
pF
Crss
Reverse Transfer Capacitance
306
pF
Rg
Gate resistance
f=1MHz
1
4.6
9

SWITCHING PARAMETERS
Qg
Total Gate Charge
VGS=-10V, VDS=-15V,
ID=-20A
69.8
nC
Qgs
Gate Source Charge
13.6
nC
Qgd
Gate Drain Charge
14
nC
tD(on)
Turn-On Delay Time
VGS=-10V, VDS=-15V,
RL=0.75
, R
GEN=3
11.3
ns
tr
Turn-On Rise Time
71.3
ns
tD(off)
Turn-Off Delay Time
95
ns
tf
Turn-Off Fall Time
82
ns
trr
Body Diode Reverse Recovery Time
IF=-20A, dI/dt=100A/s
15.2
ns
Qrr
Body Diode Reverse Recovery Charge IF=-20A, dI/dt=100A/s
1.6
nC
2
6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com