Electronic Components Datasheet Search
  English  ▼

X  

PS811 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # PS811
Description  PS8 Series – Threaded Proximity Sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

PS811 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  PS811 Datasheet HTML 1Page - TE Connectivity Ltd PS811 Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GENTECH INTERNATIONAL LTD
Grangestone Industrial Estate
Girvan, Ayrshire KA26 9PS
United Kingdom
Telephone: +44 1465 713581
Fax: +44 1465 714974
E-Mail: info@gentechsensors.com
Web Site www.gentechsensors.com
POSITION SENSOR
PS8 Series – Threaded Proximity Sensor
PS811
Design
Features
•
Adjustable in
conjunction with PM81
Magnet
•
Move to target via lock
nuts and through
chassis mounting
•
High repeatability
•
Shunt or direct magnet
operation
•
Multiple Mode of
Operation
Product
Comments
•
Threaded Barrel
Mounted
•
Normally Open
•
Nylon 6.6 Material
Housing
•
Overall length 38.2mm
Threaded Area
•
fitted with 2 lock nuts
Typical
Applications
•
Door Interlocks
•
Hook Switches
•
Security Systems
•
Safety Interlocks
•
Position Indication
Material, Design and Operation
Mounting:
Threaded
Material:
Nylon 6.6
Contact Form:
Form A - SPST
Contact Material:
Ruthenium
Maximum Switching Volts:
250 VAC
Maximum Switching Current:
1.0A
Switching Action:
SPST
Maximum Power:
15 Watts
Housing Temperature Range ºC:
110
Connection Type:
Stripped Cables
Cable Type:
2 core 1.5 Metres long
Operating Temperature Range ºC:
110
Actuation Method:
Magnetic
Mounting Shock:
50g for 11ms duration
Mounting Vibration:
35g up to 500Hz
Magnetic Approach:
End Operate


Similar Part No. - PS811

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PS810 MICROCHIP-PS810 Datasheet
664Kb / 46P
Li Ion Single Cell Fuel Gauge
2006
logo
NEC
PS8101 NEC-PS8101 Datasheet
101Kb / 3P
NECs HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT 5 PIN SOP OPTOCOUPLER
PS8101 NEC-PS8101 Datasheet
126Kb / 14P
1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
California Eastern Labs
PS8101 CEL-PS8101 Datasheet
209Kb / 14P
1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
Renesas Technology Corp
PS8101 RENESAS-PS8101 Datasheet
250Kb / 16P
1 Mbps HIGH CMR ANALOG OUTPUT TYPE
More results

Similar Description - PS811

ManufacturerPart #DatasheetDescription
logo
SICK AG
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
Photoelectric proximity sensor, Photoelectric proximity sensor,
3/15/2016
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
Photoelectric proximity sensor, Photoelectric proximity sensor,
3/15/2016
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
Photoelectric proximity sensor, Photoelectric proximity sensor,
3/15/2016
logo
OSRAM GmbH
SFH7741 OSRAM-SFH7741 Datasheet
334Kb / 17P
Proximity Sensor
logo
ZF Friedrichshafen AG
MP2007 ZFSWITCHES-MP2007 Datasheet
254Kb / 2P
Reed based magnetic proximity sensor in aluminum threaded housing
logo
Festo Corporation.
543876 FESTO-543876 Datasheet
82Kb / 2P
Proximity sensor
546799 FESTO-546799 Datasheet
81Kb / 2P
Proximity sensor
574339 FESTO-574339 Datasheet
87Kb / 2P
Proximity sensor
574342 FESTO-574342 Datasheet
91Kb / 2P
Proximity sensor
574380 FESTO-574380 Datasheet
85Kb / 2P
Proximity sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com