Electronic Components Datasheet Search
  English  ▼

X  

6294 Datasheet(PDF) 1 Page - 3M Electronics

Part # 6294
Description  Specifications and Ordering Information for 3M 06290 Series Cable Tie Bases
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

6294 Datasheet(HTML) 1 Page - 3M Electronics

  6294 Datasheet HTML 1Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications and Ordering Information for 3M 06290 Series Cable Tie Bases
Product
Dimensions
Minimum
Number/
UPC
Length
Width
Height
Slot
Slot
Cable
Entry
Screw
Inner
Order
Color/Material
(054007-)
Height
Width
Size
Locations
Size
Unit Pack
Case Qty.
06290
06290
Miniature
2
—
100/bag
500
Ivory/ABS
Intermediate
Standard
1.0"
2.0"
0.31"
0.18"
0.20"
(25 mm)
(50 mm)
(8 mm)
(4 mm)
(5 mm)
06291
06291
Miniature
2
—
250/bag
2500
Ivory/ABS
Intermediate
Standard
06292
06292
Miniature
2
(2) #6
100/bag
500
Ivory/ABS
Intermediate
Standard
1.0"
1.0"
0.1"
0.07"
0.21"
(25 mm)
(25 mm)
(3 mm)
(2 mm)
(5 mm)
06293
06293
Miniature
2
(2) #6
250/bag
2,500
Ivory/ABS
Intermediate
Standard
06294
06294
Miniature
4
(2) #6
100/bag
500
Natural/Nylon
Intermediate
0.75"
0.75"
0.21"
0.05"
0.12"
(19 mm)
(19 mm)
(5 mm)
(1 mm)
(3 mm)
06295
06295
Miniature
4
(2) #6
100/bag
500
Black/Nylon
Intermediate
06296
06296
Miniature
4
(2) #6
100/bag
500
Natural/Nylon
Intermediate
1.0"
1.0"
0.21"
0.07"
0.20"
(25 mm)
(25 mm)
(5 mm)
(2 mm)
(5 mm)
06297
06297
Miniature
4
(2) #6
100/bag
500
Black/Nylon
Intermediate
Standard
06298**
06298
0.6"
0.39"
0.28"
0.15"
0.203"
Miniature
2
(1) #6
100/bag
500
Natural/Nylon
(15 mm)
(10 mm)
(7 mm)
(4 mm)
(5 mm)
Intermediate
Standard
06299**
06299
0.87"
0.62"
0.39"
0.21"
0.32"
Intermediate
2
(1) #10
100/bag
500
Natural/Nylon
(22 mm)
(15 mm)
(10 mm)
(5 mm)
(8 mm)
Standard
Heavy-Duty
Extra Heavy-
Duty
** Screw Mounting Only


Similar Part No. - 6294

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
629463 BELDEN-629463 Datasheet
140Kb / 2P
Blue Hose®, 1 Pr #20 Str TC, PE Ins Blu, Clr, FoilTC Brd, PVC Jkt, AIA Armor, PVC Jkt, OIL RES II
05-05-2023
More results

Similar Description - 6294

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMARTCARD STMICROELECTRONICS-SMARTCARD Datasheet
31Kb / 2P
Ordering Information For Package And Delivery
Sep-2001
logo
List of Unclassifed Man...
C1D0112S-A ETC2-C1D0112S-A Datasheet
122Kb / 2P
SPECIFICATIONS AND ORDERING INFORMATION
D2-512 ETC2-D2-512 Datasheet
84Kb / 2P
SPECIFICATIONS AND ORDERING INFORMATION
D2D-53 ETC2-D2D-53 Datasheet
88Kb / 3P
SPECIFICATIONS AND ORDERING INFORMATION
D2C-22 ETC2-D2C-22 Datasheet
84Kb / 2P
SPECIFICATIONS AND ORDERING INFORMATION
P300E-5 ETC2-P300E-5 Datasheet
1,008Kb / 18P
Ordering information
logo
Roithner LaserTechnik G...
IC-WK1D ROITHNER-IC-WK1D Datasheet
292Kb / 5P
ordering information
logo
Xilinx, Inc
XC3S2000-5FGG456C XILINX-XC3S2000-5FGG456C Datasheet
5Mb / 272P
Introduction and Ordering Information
XC3S5000-5FGG676C XILINX-XC3S5000-5FGG676C Datasheet
5Mb / 272P
Introduction and Ordering Information
logo
Altera Corporation
EPM ALTERA-EPM Datasheet
120Kb / 2P
Reference and Ordering Information
August 2009, version 1.6
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com