Electronic Components Datasheet Search
  English  ▼

X  

AD820 Datasheet(PDF) 13 Page - Analog Devices

Part # AD820
Description  Single-Supply, Rail-to-Rail, Low Power FET-Input Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD820 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD820_07 Datasheet HTML 9Page - Analog Devices AD820_07 Datasheet HTML 10Page - Analog Devices AD820_07 Datasheet HTML 11Page - Analog Devices AD820_07 Datasheet HTML 12Page - Analog Devices AD820_07 Datasheet HTML 13Page - Analog Devices AD820_07 Datasheet HTML 14Page - Analog Devices AD820_07 Datasheet HTML 15Page - Analog Devices AD820_07 Datasheet HTML 16Page - Analog Devices AD820_07 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AD820
Rev. E | Page 13 of 24
1k
1
–60
140
TEMPERATURE (ºC)
–40
–20
0
20
40
60
80
100
120
10
100
ISOURCE = 10mA
ISINK = 10mA
ISOURCE = 10µA
ISINK = 10µA
ISOURCE = 1mA
ISINK = 1mA
Figure 22. Output Saturation Voltage vs. Temperature
80
0
–60
140
TEMPERATURE (ºC)
–40
–20
0
20
40
60
80
100
120
70
60
50
40
30
20
10
VS = ±15V
VS = ±15V
VS = 0V, +5V
VS = 0V, +5V
–OUT
–
+
+
Figure 23. Short Circuit Current Limit vs. Temperature
800
0
03
TOTAL SUPPLY VOLTAGE (V)
6
700
600
500
400
300
200
100
4
8
12
16
20
24
28
32
T = +25ºC
T = +125ºC
T = –55ºC
Figure 24. Quiescent Current vs. Supply Voltage over Different Temperatures
120
0
10
10M
FREQUENCY (Hz)
100
1k
10k
100k
1M
110
100
90
80
70
60
50
40
30
20
10
+PSRR
–PSRR
Figure 25. Power Supply Rejection vs. Frequency
30
0
10k
10M
FREQUENCY (Hz)
100k
1M
25
20
15
10
5
VS = ±15V
R1 = 2kΩ
VS = 0V, +5V
Figure 26. Large Signal Frequency Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com