Electronic Components Datasheet Search
  English  ▼

X  

AD795 Datasheet(PDF) 14 Page - Analog Devices

Part # AD795
Description  Low Power, Low Noise Precision FET Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD795 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD795_02 Datasheet HTML 8Page - Analog Devices AD795_02 Datasheet HTML 9Page - Analog Devices AD795_02 Datasheet HTML 10Page - Analog Devices AD795_02 Datasheet HTML 11Page - Analog Devices AD795_02 Datasheet HTML 12Page - Analog Devices AD795_02 Datasheet HTML 13Page - Analog Devices AD795_02 Datasheet HTML 14Page - Analog Devices AD795_02 Datasheet HTML 15Page - Analog Devices AD795_02 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AD795
REV. B
–14–
FREQUENCY – Hz
100
1k
10k
100k
10
1
10nV
100nV
1
mV
10
mV
SIGNAL BANDWIDTH
NO FILTER
WITH FILTER
en
&
is
i
f
in
en
Figure 45. Voltage Noise Spectral Density of the Circuit of
Figure 44 With and Without an Output Filter
PHOTODIODE
AD795
10pF
VOUT
R G
10
W
8
10
k
W
Rf
V
= I Rf (1+
)
OUT
D
R i
RG
R
1.1k
W
i
Figure 46. A Photodiode Preamp Employing a “T”
Network for Added Gain
Using a “T” Network
A “T” network, shown in Figure 46, can be used to boost the
effective transimpedance of an I-to-V converter, for a given
feedback resistor value. However, amplifier noise and offset
voltage contributions are also amplified by the “T” network
gain. A low noise, low offset voltage amplifier, such as the
AD795, is needed for this type of application.
A pH Probe Buffer Amplifier
A typical pH probe requires a buffer amplifier to isolate its 10
6
to 10
9
W source resistance from external circuitry. Just such an
amplifier is shown in Figure 47. The low input current of the
AD795 allows the voltage error produced by the bias current
and electrode resistance to be minimal. The use of guarding,
shielding, high insulation resistance standoffs, and other such
standard methods used to minimize leakage are all needed to
maintain the accuracy of this circuit.
The slope of the pH probe transfer function, 50 mV per pH
unit at room temperature, has a +3300 ppm/
∞C temperature
coefficient. The buffer of Figure 47 provides an output voltage
equal to 1 volt/pH unit. Temperature compensation is provided
by resistor RT which is a special temperature compensation
resistor, part number Q81, 1 k
W, 1%, +3500 ppm/∞C, available
from Tel Labs Inc.
GUARD
AD795
–VS
V
ADJUST
100k
W
OS
PH
PROBE
+V
S
OUTPUT
1VOLT/pH UNIT
19.6k
W
RT
1k
W
+3500ppm/
∞C
0.1
mF
0.1
mF
+15V
COM
–15V
–VS
+V
S
1
3
2
4
5
6
7
8
Figure 47. A pH Probe Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com