Electronic Components Datasheet Search
  English  ▼

X  

AD712 Datasheet(PDF) 18 Page - Analog Devices

Part # AD712
Description  Dual Precision, Low Cost, High Speed BiFET Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD712 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD712_06 Datasheet HTML 12Page - Analog Devices AD712_06 Datasheet HTML 13Page - Analog Devices AD712_06 Datasheet HTML 14Page - Analog Devices AD712_06 Datasheet HTML 15Page - Analog Devices AD712_06 Datasheet HTML 16Page - Analog Devices AD712_06 Datasheet HTML 17Page - Analog Devices AD712_06 Datasheet HTML 18Page - Analog Devices AD712_06 Datasheet HTML 19Page - Analog Devices AD712_06 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
AD712
Rev. G | Page 18 of 20
+15V
0.001µF
100kΩ
0.1µF
0.1µF
–15V
+15V
0.1µF
0.1µF
–15V
*
D
*
C
*
B
*
A
2800Ω
6190Ω
6490Ω
6190Ω
2800Ω
VIN
0.001µF
124kΩ
4.99kΩ
4.99kΩ
VOUT
4.9395E–15
5.9276E–15
5.9276E–15
4.9395E–15
*SEE TEXT
A1
AD711
A2
AD711
+
+
+
+
+
–
+
–
Figure 50. 9-Pole Chebychev Filter
9-POLE CHEBYCHEV FILTER
Figure 50 and Figure 51 show the AD712 and its dual
counterpart, the AD711, as a 9-pole Chebychev filter using
active frequency dependent negative resistors (FDNRs). With a
cutoff frequency of 50 kHz and better than 90 dB rejection, it
can be used as an antialiasing filter for a 12-bit data acquisition
system with 100 kHz throughput.
As shown in Figure 50, the filter is comprised of four FDNRs
(A, B, C, D) having values of 4.9395 × 10−15 and 5.9276 × 10–15
farad-seconds. Each FDNR active network provides a two-pole
response for a total of eight poles. The ninth pole consists of a
0.001 μF capacitor and a 124 kΩ resistor at Pin 3 of Amplifier A2.
Figure 51 depicts the circuits for each FDNR with the proper
selection of R. To achieve optimal performance, the 0.001 μF
capacitors must be selected for 1% or better matching and all
resistors should have 1% or better tolerance.
+15V
0.001µF
4.99kΩ
0.1µF
0.1µF
–15V
1.0kΩ
0.001µF
R
1/2
AD712
+
–
1/2
AD712
R: 24.9kΩ FOR 4.9395E–15
29.4kΩ FOR 5.9276E–15
+
Figure 51. FDNR for 9-Pole Chebychev Filter
REF 5.0dBm
10dB/DIV
RANGE –5.0dBm
MARKER 96 800.0Hz
–90dBm
START.0Hz
RBW 300Hz
STOP 200 000.0Hz
ST 69.6 SEC
VBW 30Hz
Figure 52. High Frequency Response for 9-Pole Chebychev Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com