Electronic Components Datasheet Search
  English  ▼

X  

AD795JR Datasheet(PDF) 2 Page - Analog Devices

Part # AD795JR
Description  Low Power, Low Noise Precision FET Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD795JR Datasheet(HTML) 2 Page - Analog Devices

  AD795JR Datasheet HTML 1Page - Analog Devices AD795JR Datasheet HTML 2Page - Analog Devices AD795JR Datasheet HTML 3Page - Analog Devices AD795JR Datasheet HTML 4Page - Analog Devices AD795JR Datasheet HTML 5Page - Analog Devices AD795JR Datasheet HTML 6Page - Analog Devices AD795JR Datasheet HTML 7Page - Analog Devices AD795JR Datasheet HTML 8Page - Analog Devices AD795JR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. B
–2–
AD795–SPECIFICATIONS
AD795JR
Parameter
Conditions
Min
Typ
Max
Units
INPUT OFFSET VOLTAGE
1
Initial Offset
100
500
mV
Offset
TMIN–TMAX
300
1000
mV
vs. Temperature
310
mV/∞C
vs. Supply (PSRR)
86
110
dB
vs. Supply (PSRR)
TMIN–TMAX
84
100
dB
INPUT BIAS CURRENT
2
Either Input
VCM = 0 V
1
2/3
pA
Either Input @ TMAX =VCM = 0 V
23
pA
Either Input
VCM = +10 V
1
pA
Offset Current
VCM = 0 V
0.1
1.0
pA
Offset Current @ TMAX =VCM = 0 V
2
pA
OPEN-LOOP GAIN
VO =
±10 V
RLOAD
≥ 10 kW
110
120
dB
RLOAD
≥ 10 kW
100
108
dB
INPUT VOLTAGE NOISE
0.1 Hz to 10 Hz
1.0
3.3
mV p-p
f = 10 Hz
20
50
nV/
÷Hz
f = 100 Hz
12
40
nV/
÷Hz
f = 1 kHz
11
17
nV/
÷Hz
f = 10 kHz
9
11
nV/
÷Hz
INPUT CURRENT NOISE
f = 0.1 Hz to 10 Hz
13
fA p-p
f = 1 kHz
0.6
fA/
÷Hz
FREQUENCY RESPONSE
Unity Gain, Small Signal
G = –1
1.6
MHz
Full Power Response
VO = 20 V p-p
RLOAD = 2 k
W
16
kHz
Slew Rate, Unity Gain
VOUT = 20 V p-p
RLOAD = 2 k
W
1V/
ms
SETTLING TIME
3
To 0.1%
10 V Step
10
ms
To 0.01%
10 V Step
11
ms
Overload Recovery
4
50% Overdrive
2
ms
Total Harmonic
f = 1 kHz
Distortion
R1
≥ 10 kW
VO = 3 V rms
–108
dB
INPUT IMPEDANCE
Differential
VDIFF =
±1 V
10
12 2
W pF
Common Mode
10
14 2.2
W pF
INPUT VOLTAGE RANGE
Differential
5
±20
V
Common-Mode Voltage
±10
±11
V
Over Max Operating Temperature
±10
V
Common-Mode Rejection Ratio
VCM =
±10 V
90
110
dB
TMIN–TMAX
86
100
dB
OUTPUT CHARACTERISTICS
Voltage
RLOAD
≥ 2 kW
VS –4
VS –2.5
V
TMIN–TMAX
VS –4
V
Current
VOUT =
±10 V
±5
±10
mA
Short Circuit
±15
mA
POWER SUPPLY
Rated Performance
±15
V
Operating Range
±4
±18
V
Quiescent Current
1.3
1.5
mA
(@ +25 C and
15 V dc unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com