Electronic Components Datasheet Search
  English  ▼

X  

AD820ARZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD820ARZ
Description  Single-Supply, Rail-to-Rail, Low Power FET-Input Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD820ARZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD820ARZ Datasheet HTML 7Page - Analog Devices AD820ARZ Datasheet HTML 8Page - Analog Devices AD820ARZ Datasheet HTML 9Page - Analog Devices AD820ARZ Datasheet HTML 10Page - Analog Devices AD820ARZ Datasheet HTML 11Page - Analog Devices AD820ARZ Datasheet HTML 12Page - Analog Devices AD820ARZ Datasheet HTML 13Page - Analog Devices AD820ARZ Datasheet HTML 14Page - Analog Devices AD820ARZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD820
Rev. E | Page 11 of 24
10M
10k
100
100k
LOAD RESISTANCE (Ω)
1k
10k
100k
1M
VS = ±15V
VS = 0V, +5V
Figure 10. Open-Loop Gain vs. Load Resistance
10M
10k
–60
140
TEMPERATURE (ºC)
100k
1M
–40
–20
0
20
40
60
80
100
120
VS = ±15V
RL = 100kΩ
RL = 10kΩ
VS = 0V, +5V
VS = ±15V
VS = 0V, +5V
VS = ±15V
VS = 0V, +5V
RL = 600Ω
Figure 11. Open-Loop Gain vs. Temperature
300
–300
–16
16
OUTPUT VOLTAGE (V)
200
100
0
–100
–200
–12
–8
–4
0
4
8
12
RL = 100kΩ
RL = 600Ω
RL = 10kΩ
Figure 12. Input Error Voltage vs. Output Voltage for Resistive Loads
40
–40
03
OUTPUT VOLTAGE FROM RAILS (mV)
00
20
0
–20
60
120
180
240
RL = 100kΩ
RL = 20kΩ
RL = 2kΩ
POSITIVE
RAIL
POSITIVE
RAIL
POSITIVE
RAIL
NEGATIVE
RAIL
NEGATIVE
RAIL
NEGATIVE RAIL
Figure 13. Input Error Voltage vs. Output Voltage within 300 mV of Either
Supply Rail for Various Resistive Loads; VS = ±5 V
1k
1
11
FREQUENCY (Hz)
0k
10
100
1k
10
100
Figure 14. Input Voltage Noise vs. Frequency
–40
–110
100
100k
FREQUENCY (Hz)
1k
10k
–50
–60
–70
–80
–90
–100
RL = 10kΩ
ACL = –1
VS = ±15V; VOUT = 20V p-p
VS = ±5V; VOUT = 9V p-p
VS = 0V, +5V; VOUT = 4.5V p-p
Figure 15. Total Harmonic Distortion vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com