Electronic Components Datasheet Search
  English  ▼

X  

AD712 Datasheet(PDF) 12 Page - Analog Devices

Part # AD712
Description  Dual Precision, Low Cost, High Speed BiFET Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD712 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD712 Datasheet HTML 8Page - Analog Devices AD712 Datasheet HTML 9Page - Analog Devices AD712 Datasheet HTML 10Page - Analog Devices AD712 Datasheet HTML 11Page - Analog Devices AD712 Datasheet HTML 12Page - Analog Devices AD712 Datasheet HTML 13Page - Analog Devices AD712 Datasheet HTML 14Page - Analog Devices AD712 Datasheet HTML 15Page - Analog Devices AD712 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD712
Rev. G | Page 12 of 20
0V
–10V
OUTPUT
5V
1mV
SUMMING
JUNCTION
100
10
0%
90
500ns
Figure 30. Settling Characteristics for AD712 with AD565A,
Full-Scale Negative Transition
0V
–10V
OUTPUT
5V
1mV
SUMMING
JUNCTION
100
10
0%
90
500ns
Figure 31. Settling Characteristics for AD712 with AD565A,
Full-Scale Positive Transition
OP AMP SETTLING TIME—A MATHEMATICAL
MODEL
The design of the AD712 gives careful attention to optimizing
individual circuit components; in addition, a careful trade-off
was made: the gain bandwidth product (4 MHz) and slew rate
(20 V/μs) were chosen to be high enough to provide very fast
settling time but not too high to cause a significant reduction
in phase margin (and therefore, stability). Thus designed, the
AD712 settles to ±0.01%, with a 10 V output step, in under 1 μs,
while retaining the ability to drive a 250 pF load capacitance
when operating as a unity-gain follower.
If an op amp is modeled as an ideal integrator with a unity-gain
crossover frequency of ωO/2π, then Equation 1 accurately
describes the small signal behavior of the circuit of Figure 32,
consisting of an op amp connected as an I-to-V converter at the
output of a bipolar or CMOS DAC. This equation would com-
pletely describe the output of the system if not for the finite slew
rate and other nonlinear effects of the op amp.
1
)
(
2
+
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
ω
+
ω
−
=
s
RC
G
s
C
R
R
I
V
f
O
N
O
X
IN
O
(1)
Where
π
ω
2
O = unity-gain frequency of the op amp.
GN = noise gain of circuit
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
O
R
R
1
.
This equation can then be solved for Cf
(
)
2
1
2
O
N
O
X
O
N
X
R
G
RC
R
G
C
ω
−
+
ω
+
ω
−
=
(2)
In these equations, Capacitance CX is the total capacitance
appearing at the inverting terminal of the op amp. When
modeling a DAC buffer application, the Norton equivalent
circuit shown in Figure 32 can be used directly; Capacitance CX
is the total capacitance of the output of the DAC plus the input
capacitance of the op amp (because the two are in parallel).
VOUT
RL
CL
CF
R
IO
RO
CX
1/2
AD712
+
–
Figure 32. Simplified Model of the AD712 Used as a Current-Out DAC Buffer
When RO and IO are replaced with their Thevenin VIN and RIN
equivalents, the general-purpose inverting amplifier shown in
Figure 33 is created. Note that when using this general model,
Capacitance CX is either the input capacitance of the op amp, if
a simple inverting op amp is being simulated, or the combined
capacitance of the DAC output and the op amp input if the
DAC buffer is being modeled.
VOUT
RL
CL
CF
R
VIN
RIN
CX
1/2
AD712
+
–
Figure 33. Simplified Model of the AD712 Used as an Inverter
In either case, Capacitance CX causes the system to go from a
one-pole to a two-pole response; this additional pole increases
settling time by introducing peaking or ringing in the op amp
output. Because the value of CX can be estimated with reasonable
accuracy, Equation 2 can be used to choose a small capacitor
(CF) to cancel the input pole and optimize amplifier response.
Figure 34 is a graphical solution of Equation 2 for the AD712
with R = 4 kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com