Electronic Components Datasheet Search
  English  ▼

X  

AD8012ARM Datasheet(PDF) 6 Page - Analog Devices

Part # AD8012ARM
Description  Dual 350 MHz Low Power Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8012ARM Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8012ARM Datasheet HTML 2Page - Analog Devices AD8012ARM Datasheet HTML 3Page - Analog Devices AD8012ARM Datasheet HTML 4Page - Analog Devices AD8012ARM Datasheet HTML 5Page - Analog Devices AD8012ARM Datasheet HTML 6Page - Analog Devices AD8012ARM Datasheet HTML 7Page - Analog Devices AD8012ARM Datasheet HTML 8Page - Analog Devices AD8012ARM Datasheet HTML 9Page - Analog Devices AD8012ARM Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
REV. B
–6–
AD8012–Typical Performance Characteristics
20mV
5ns
TPC 1. 100 mV Step Response; G = +2, VS =
±2.5 V or
±5 V, RL = 1 kΩ*
1V
10ns
TPC 2. 4 V Step Response; G = +2, VS =
±5 V, RL = 1 kΩ
20mV
5ns
TPC 3. 100 mV Step Response; G = –1, VS =
±2.5 V
or
±5 V, RL = 1 kΩ*
1V
10ns
TPC 4. 4 V Step Response; G = –1, VS =
±5 V, RL = 1 kΩ
20mV
5ns
TPC 5. 100 mV Step Response; G = +2, VS =
±2.5 V or
±5 V, RL = 100 Ω*
500mV
10ns
TPC 6. 2 V Step Response; G = +2, VS =
±2.5 V, RL = 100 Ω
*VS =
±2.5 V operation is identical to V
S = +5 V single-supply operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com