Electronic Components Datasheet Search
  English  ▼

X  

AD8010 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8010
Description  200 mA Output Current High-Speed Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8010 Datasheet(HTML) 4 Page - Analog Devices

  AD8010 Datasheet HTML 1Page - Analog Devices AD8010 Datasheet HTML 2Page - Analog Devices AD8010 Datasheet HTML 3Page - Analog Devices AD8010 Datasheet HTML 4Page - Analog Devices AD8010 Datasheet HTML 5Page - Analog Devices AD8010 Datasheet HTML 6Page - Analog Devices AD8010 Datasheet HTML 7Page - Analog Devices AD8010 Datasheet HTML 8Page - Analog Devices AD8010 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD8010
–4–
REV. B
dG (%)/d
– Degrees
60
30
0
0.13
0.01 0.02 0.03 0.04 0.05 0.06 0.07 0.08 0.09 0.10 0.11 0.12
50
40
20
10
d
G = +2
f = 4.43MHz (PAL)
RL = 18.75
0
SAMPLE SIZE = 300
dG
dG
dG
dG
d
d
d
d
d
d
d
d
d
d
DIFFERENTIAL GAIN dG IN %
DIFFERENTIAL PHASE d
IN Degrees
Figure 3. Distribution of Differential Gain (dG) and
Differential Phase (d
φ); RL = 18.75 Ω
FREQUENCY – MHz
G = +2
VO = 2V p-p
RL AS SHOWN
–45
–50
–55
–60
–65
–70
–75
–80
–85
–90
–95
12
5
6
7 8 9 10
20
34
2ND
RL = 18.75
3RD
RL = 100
2ND
3RD
Figure 4. Harmonic Distortion vs. Frequency; G = +2
G = +2
RL = 18.75
VO = 0.2V p-p
FREQUENCY – MHz
0.1
1
10
100
6.20
6.15
6.10
6.05
6.0
5.95
5.90
5.85
5.80
500
+85 C
+25 C
–40 C
Figure 5. Gain Flatness vs. Frequency Over Temperature
(–40
°C to +85°C)
NUMBER OF VIDEO LOADS
0.05
0.04
DIFFERENTIAL PHASE
0
16
2
4
6
8
10
12
14
0.03
0.02
0.01
1
0.10
0.08
0
0.06
0.04
0.02
DIFFERENTIAL GAIN
Figure 6. Differential Gain and Phase vs. Number of Video
Loads Over Temperature (–40
°C to +85°C); f = 4.43 MHz
FREQUENCY – MHz
45
40
5
1
100
10
35
30
10
25
20
15
G = +2
RL = 18.75
Figure 7. Two-Tone, 3rd Order IMD Intercept vs.
Frequency; G = +2, RL = 18.75
Ω
6.5
6.4
6.3
6.2
6.1
6.0
5.9
5.8
5.7
5.6
5.5
1
FREQUENCY – MHz
G = +2
VO = 0.2V p-p
NUMBER OF VIDEO
LOADS AS SHOWN
4
6
8
10
14
12
1
10
100
1000
2
Figure 8. Gain Flatness vs. Frequency vs. Number of
Video Loads
–Typical Performance Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com