Electronic Components Datasheet Search
  English  ▼

X  

AD8009 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8009
Description  1 GHz, 5,500 V/??Low Distortion Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8009 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8009 Datasheet HTML 8Page - Analog Devices AD8009 Datasheet HTML 9Page - Analog Devices AD8009 Datasheet HTML 10Page - Analog Devices AD8009 Datasheet HTML 11Page - Analog Devices AD8009 Datasheet HTML 12Page - Analog Devices AD8009 Datasheet HTML 13Page - Analog Devices AD8009 Datasheet HTML 14Page - Analog Devices AD8009 Datasheet HTML 15Page - Analog Devices AD8009 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
–13–
REV. F
AD8009
Driving a Capacitive Load
A capacitive load, like that presented by some A/D converters,
can sometimes be a challenge for an op amp to drive depending
on the architecture of the op amp. Most of the problem is caused
by the pole created by the output impedance of the op amp and
the capacitor that is driven. This creates extra phase shift that
can eventually cause the op amp to become unstable.
One way to prevent instability and improve settling time when
driving a capacitor is to insert a resistor in series between the
op amp output and the capacitor. The feedback resistor is still
connected directly to the output of the op amp, while the series
resistor provides some isolation of the capacitive load from the
op amp output.
10 F
+
0.1 F
0.001 F
10 F
+
0.1 F
0.001 F
AD8009
49.9
+5V
–5V
3
2
4
RT
RS
CL
50pF
2VSTEP
7
6
RF
RG
G = +2: RF = 301 = RG
G = +10: RF = 200 , RG = 22.1
Figure 5. Capacitive Load Drive Circuit
Figure 5 shows such a circuit with an AD8009 driving a 50 pF
load. With RS = 0, the AD8009 circuit will be unstable. For a
gain of +2 and +10, it was found experimentally that setting RS
to 42.2
Ω will minimize the 0.1% settling time with a 2 V step at
the output. The 0.1% settling time was measured to be 40 ns with
this circuit.
For smaller capacitive loads, a smaller RS will yield optimal
settling time, while a larger RS will be required for larger capacitive
loads. Of course, a larger capacitance will always require more
time for settling to a given accuracy than a smaller one, and this
will be lengthened by the increase in RS required. At best, a
given RC combination will require about seven time constants
by itself to settle to 0.1%, so a limit will be reached where too
large a capacitance cannot be driven by a given op amp and still
meet the system’s required settling time specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com