Electronic Components Datasheet Search
  English  ▼

X  

AD8007 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8007
Description  Ultralow Distortion High Speed Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8007 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8007 Datasheet HTML 8Page - Analog Devices AD8007 Datasheet HTML 9Page - Analog Devices AD8007 Datasheet HTML 10Page - Analog Devices AD8007 Datasheet HTML 11Page - Analog Devices AD8007 Datasheet HTML 12Page - Analog Devices AD8007 Datasheet HTML 13Page - Analog Devices AD8007 Datasheet HTML 14Page - Analog Devices AD8007 Datasheet HTML 15Page - Analog Devices AD8007 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
REV. D
–12–
AD8007/AD8008
50mV/DIV
G =
1
RL = 150 , VS = 5V AND 5V
RL = 1k , VS = 5V AND 5V
010
20
30
40
50
TIME – ns
TPC 37. Small Signal Transient Response for
RL = 150
Ω, 1 kΩ and VS = +5 V, ±5 V
1V/DIV
G = +1
RL = 150
RL = 1k
010
20
30
40
50
TIME – ns
TPC 38. Large Signal Transient Response for
RL = 150
Ω, 1 kΩ
G =
2
1V/DIV
010
20
30
40
50
TIME – ns
CLOAD = 0pF
CLOAD = 10pF
CLOAD = 20pF
TPC 39. Large Signal Transient Response
for Capacitive Load = 0 pF, 10 pF, and 20 pF
G = +2
50mV/DIV
010
20
30
40
50
TIME – ns
RL = 150 , VS = +5V AND 5V
RL = 1k , VS = +5V AND 5V
TPC 40. Small Signal Transient Response for
RL = 150
Ω, 1 kΩ and VS = +5 V, ±5 V
G = –1
1V/DIV
010
20
30
40
50
TIME – ns
INPUT
OUTPUT
TPC 41. Large Signal Transient Response, G = –1,
RL = 150
Ω
50mV/DIV
CL = 0pF
CL = 20pF
CL = 20pF
RSNUB = 10
499
499
200
49.9
RSNUB
CLOAD
+
–
G =
2
010
20
30
40
50
TIME – ns
TPC 42. Small Signal Transient Response: Effect of
Series Snub Resistor when Driving Capacitive Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com