Electronic Components Datasheet Search
  English  ▼

X  

1803000000 Datasheet(PDF) 4 Page - Weidmuller

Part # 1803000000
Description  BLZ 5.08/2F SN SW
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1803000000 Datasheet(HTML) 4 Page - Weidmuller

  1803000000 Datasheet HTML 1Page - Weidmuller 1803000000 Datasheet HTML 2Page - Weidmuller 1803000000 Datasheet HTML 3Page - Weidmuller 1803000000 Datasheet HTML 4Page - Weidmuller 1803000000 Datasheet HTML 5Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 5.00 / 5.08 mm (0.197 / 0.200 inch) |
Socket connectors, tension clamp connection, pitch 5.00/5.08 | BLZ 5.00/5.08/180 | BLZ 5.08/180F
- 4 -
1802890000
BLZ 5.08/8F SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 8, 180°, Box
1803100000
BLZ 5.08/8F SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 8, 180°, Box
1802900000
BLZ 5.08/9F SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 9, 180°, Box
1803110000
BLZ 5.08/9F SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 9, 180°, Box
1802910000
BLZ 5.08/10F SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 10, 180°, Box
1803120000
BLZ 5.08/10F SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 10, 180°, Box
1802920000
BLZ 5.08/11F SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 11, 180°, Box
1803130000
BLZ 5.08/11F SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 11, 180°, Box
1802930000
BLZ 5.08/12F SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 12, 180°, Box
1803140000
BLZ 5.08/12F SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 12, 180°, Box
1802940000
BLZ 5.08/13F SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 13, 180°, Box
1803150000
BLZ 5.08/13F SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 13, 180°, Box
1802950000
BLZ 5.08/14F SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 14, 180°, Box
1803160000
BLZ 5.08/14F SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 14, 180°, Box
1802960000
BLZ 5.08/15F SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 15, 180°, Box
1803170000
BLZ 5.08/15F SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 15, 180°, Box
1802970000
BLZ 5.08/16F SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 16, 180°, Box



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com