Electronic Components Datasheet Search
  English  ▼

X  

AD828 Datasheet(PDF) 12 Page - Analog Devices

Part # AD828
Description  Dual, Low Power Video Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD828 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD828 Datasheet HTML 4Page - Analog Devices AD828 Datasheet HTML 5Page - Analog Devices AD828 Datasheet HTML 6Page - Analog Devices AD828 Datasheet HTML 7Page - Analog Devices AD828 Datasheet HTML 8Page - Analog Devices AD828 Datasheet HTML 9Page - Analog Devices AD828 Datasheet HTML 10Page - Analog Devices AD828 Datasheet HTML 11Page - Analog Devices AD828 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
–12–
AD828
REV. C
Revision History
Location
Page
6/02–Data Sheet changed from REV. B to REV. C.
Renumbered Figures and TPCs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .Global
Changes to Figure 10 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
LOW DISTORTION LINE DRIVER
The AD828 can quickly be turned into a powerful, low distor-
tion line driver (see Figure 10). In this arrangement, the AD828
can comfortably drive a 75
Ω back-terminated cable with a
5 MHz, 2 V p-p input, while achieving the harmonic distortion
performance outlined in the following table.
Configuration
2nd Harmonic
1. No Load
–78.5 dBm
2. 150
Ω R
L Only
–63.8 dBm
3. 150
Ω R
L 7.5
Ω R
C
–70.4 dBm
In this application, one half of the AD828 operates at a gain of +2.1
and supplies the current to the load, while the other provides the
overall system gain of +2. This is important for two reasons: the
first is to keep the bandwidth of both amplifiers the same, and
the second is to preserve the AD828’s ability to operate from low
supply voltage. RC varies with the load and must be chosen to
satisfy the following equation:
RC = MRL
where M is defined by [(M + 1) GS = GD] and GD = Driver’s
Gain, GS = System Gain.
+VS
1.1k
RL
RC
7.5
75
75
75
0.1 F
1/2
AD828
1
8
1 F
1k
–VS
1k
VIN
1/2
AD828
6
5
7
1k
0.1 F
1 F
4
3
2
Figure 10. Low Distortion Amplifier
OUTLINE DIMENSIONS
8-Lead Plastic Dual-in-Line Package [PDIP]
(N-8)
Dimensions shown in inches and (millimeters)
SEATING
PLANE
0.0598 (1.52)
0.0150 (0.38)
0.2098
(5.33)
MAX
0.0220 (0.56)
0.0142 (0.36)
0.1598 (4.06)
0.1154 (2.93)
0.0697 (1.77)
0.0453 (1.15)
0.1299
(3.30)
MIN
8
1
4
5
PIN 1
0.2799 (7.11)
0.2402 (6.10)
0.1000 (2.54)
BSC
0.4299 (10.92)
0.3480 (8.84)
0.1949 (4.95)
0.1154 (2.93)
0.0150 (0.38)
0.0079 (0.20)
0.3248 (8.25)
0.3000 (7.62)
8-Lead Standard Small Outline Package [SOIC]
(R-8)
Dimensions shown in millimeters and (inches)
0.25 (0.0098)
0.19 (0.0075)
1.27 (0.0500)
0.41 (0.0160)
0.50 (0.0196)
0.25 (0.0099)
45
8
0
1.75 (0.0688)
1.35 (0.0532)
SEATING
PLANE
0.25 (0.0098)
0.10 (0.0040)
85
4
1
5.00 (0.1968)
4.80 (0.1890)
PIN 1
0.1574 (4.00)
0.1497 (3.80)
1.27 (0.0500)
BSC
6.20 (0.2440)
5.80 (0.2284)
0.51 (0.0201)
0.33 (0.0130)
COPLANARITY
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
COMPLIANT TO JEDEC STANDARDS MS-012 AA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com