Electronic Components Datasheet Search
  English  ▼

X  

AD8042 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8042
Description  Dual 160 MHz Rail-to-Rail Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8042 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8042 Datasheet HTML 7Page - Analog Devices AD8042 Datasheet HTML 8Page - Analog Devices AD8042 Datasheet HTML 9Page - Analog Devices AD8042 Datasheet HTML 10Page - Analog Devices AD8042 Datasheet HTML 11Page - Analog Devices AD8042 Datasheet HTML 12Page - Analog Devices AD8042 Datasheet HTML 13Page - Analog Devices AD8042 Datasheet HTML 14Page - Analog Devices AD8042 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD8042
Rev. E | Page 11 of 16
5V
4V
3V
2V
1V
0V
VS = 5V
G = –1
RL = 150Ω TO 2.5V
0.5V
200µs
4.770V
0.160V
2.6V
2.5V
2.4V
AV = 1
VS = 5V
VIN = 100mV p-p
CL = 5pF
RL = 1kΩ TO 2.5V
10ns
25mV
Figure 32. 100 mV Pulse Response, VS = 5 V
Figure 29. Output Swing with Load Reference to Supply Midpoint
5V
4V
3V
2V
1V
0V
0.5V
4.59V
VS = 5V
G = –1
RL = 150Ω TO GND
0.035V
200µs
3.0V
1.5V
0V
G = –1
RL = 2kΩ TO 1.5V
1µs
0.5V
Figure 30. Output Swing with Load Reference to Negative to Supply
Figure 33. Rail-to-Rail Output Swing, VS = 3 V
4.5V
3.5V
2.5V
1.5V
0.5V
0.5V
AV = 2
VS = 5V
CL = 5pF
RL = 1kΩ TO 2.5V
VIN = 1V p-p
10ns
1.6V
1.5V
1.4V
AV = 1
VS = 3V
VIN = 100mV p-p
CL = 5pF
RL = 1kΩ TO 1.5V
10ns
25mV
Figure 31. 1 V Pulse Response, VS = 5 V
Figure 34. 100 mV Pulse Response, VS = 3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com