Electronic Components Datasheet Search
  English  ▼

X  

AD8048 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8048
Description  250 MHz, General Purpose Voltage Feedback Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8048 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8048 Datasheet HTML 5Page - Analog Devices AD8048 Datasheet HTML 6Page - Analog Devices AD8048 Datasheet HTML 7Page - Analog Devices AD8048 Datasheet HTML 8Page - Analog Devices AD8048 Datasheet HTML 9Page - Analog Devices AD8048 Datasheet HTML 10Page - Analog Devices AD8048 Datasheet HTML 11Page - Analog Devices AD8048 Datasheet HTML 12Page - Analog Devices AD8048 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
REV. A
AD8047/AD8048
–9–
–90
–110
–70
–50
–30
100M
1M
100k
10k
–40
–20
–60
–80
–100
–120
10M
SECOND HARMONIC
THIRD HARMONIC
FREQUENCY (Hz)
R
L = 100
V
OUT = 2V p-p
TPC 31. AD8048 Harmonic Distortion vs. Frequency,
G = +2
–15
–70
1.5
5.5
2.5
3.5
4.5
6.5
–55
–65
–25
–35
–45
SECOND HARMONIC
THIRD HARMONIC
–20
–60
–30
–40
–50
OUTPUT SWING (V p-p)
f = 20MHz
R
L = 1k
R
F = 200
TPC 32. AD8048 Harmonic Distortion vs. Output
Swing, G = +2
0.04
–0.04
0.00
–0.02
0.02
11th
1st
2nd
3rd
4th
5th
6th
7th
8th
9th
10th
11th
1st
2nd
3rd
4th
5th
6th
7th
8th
9th
10th
0.04
–0.04
0.00
–0.02
0.02
TPC 33. AD8048 Differential Gain and Phase Error,
G = +2, RL = 150
Ω, RF = 200 Ω, RIN = 200 Ω
SETTLING TIME (ns)
0.5
0.4
–0.4
010
20
0.0
–0.1
–0.2
–0.3
0.2
0.1
0.3
–0.5
515
25
35
45
30
40
R
L = 100
R
F = 200
V
OUT = 2V STEP
TPC 34. AD8048 Short-Term Settling Time, G = +2
SETTLING TIME ( s)
0.25
0.20
–0.20
04
8
0.0
–0.05
–0.10
–0.15
0.10
0.05
0.15
–0.25
26
10
14
18
12
16
R
L = 100
R
F = 200
V
OUT = 2V STEP
TPC 35. AD8048 Long-Term Settling Time 2 V
Step, G = +2
17
13
3
100
100k
10k
1k
10
15
9
11
5
7
FREQUENCY (Hz)
TPC 36. AD8048 Noise vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com