Electronic Components Datasheet Search
  English  ▼

X  

AD8028 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8028
Description  Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8028 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8028 Datasheet HTML 12Page - Analog Devices AD8028 Datasheet HTML 13Page - Analog Devices AD8028 Datasheet HTML 14Page - Analog Devices AD8028 Datasheet HTML 15Page - Analog Devices AD8028 Datasheet HTML 16Page - Analog Devices AD8028 Datasheet HTML 17Page - Analog Devices AD8028 Datasheet HTML 18Page - Analog Devices AD8028 Datasheet HTML 19Page - Analog Devices AD8028 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD8027/AD8028
Rev. C | Page 16 of 24
TEMPERATURE (°C)
–40
–25
–10
5
20
35
50
65
80
110
95
125
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
VS = +3V
VS = +5V
VS = ±5V
03327-A-053
TIME (ns)
0
50
100
150
200
250
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
SELECT PIN (–2.0V TO –0.5V)
OUTPUT
RL = 1kΩ
RL = 100Ω
RL = 10kΩ
G = –1
VS = ±2.5V
VIN = –1.0V
03327-A-051
Figure 52. Enable Turn-On Timing
Figure 54. Quiescent Supply Current vs. Supply Voltage and Temperature
TIME (
μs)
0.5 12345678
9
1
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
0
G = –1
VS = ±2.5V
VIN = –1.0V
SELECT PIN (–2.0V TO –0.5V)
RL = 1kΩ
RL = 100Ω
OUTPUT
RL = 10kΩ
03327-A-052
Figure 53. Disable Turn-Off Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com