Electronic Components Datasheet Search
  English  ▼

X  

AD8022 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8022
Description  Dual High Speed, Low Noise Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8022 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8022 Datasheet HTML 6Page - Analog Devices AD8022 Datasheet HTML 7Page - Analog Devices AD8022 Datasheet HTML 8Page - Analog Devices AD8022 Datasheet HTML 9Page - Analog Devices AD8022 Datasheet HTML 10Page - Analog Devices AD8022 Datasheet HTML 11Page - Analog Devices AD8022 Datasheet HTML 12Page - Analog Devices AD8022 Datasheet HTML 13Page - Analog Devices AD8022 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD8022
Rev. B | Page 10 of 16
TEMPERATURE (
°C)
0
–0.5
–1.0
–1.5
–2.5
–2.0
–60
–40
–20
140
120
100
80
60
40
20
0
VS = ±2.5V
SIDE B
SIDE A
SIDE B
SIDE A
VS = +12V
Figure 28. Voltage Offset vs. Temperature
TEMPERATURE (
°C)
4.5
4.0
3.5
3.0
0
2.5
2.0
1.5
1.0
0.5
–60
–40
–20
140
120
100
80
60
40
20
0
VS = ±12V
VS = ±2.5V
Figure 29. Bias Current vs. Temperature
VCM (V)
4
3
2
1
–4
0
–1
–2
–3
–12.5 –10.0 –7.5
–5.0
–2.5
12.5
10.0
7.5
5.0
2.5
0
VS = ±12V
VOUT
VIN
1k
Ω
1k
Ω
1k
Ω
500
Ω
1k
Ω
VS = ±2.5V
Figure 30. Voltage Offset vs. Input Common-Mode Voltage
FREQUENCY Hz)
–50
–100
–60
–70
–80
–90
1k
10k
1M
100k
1k
Ω
1k
Ω
50
Ω
1k
Ω
56.7
Ω
1k
Ω
Figure 31. CMRR vs. Frequency
TEMPERATURE (
°C)
8.5
8.0
7.5
7.0
5.0
6.5
6.0
5.5
–50
150
100
50
0
VS = ±12V
VS = ±2.5V
Figure 32. Total Supply Current vs. Temperature
FREQUENCY (Hz)
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
10k
100M
10M
1M
100k
+PSRR
–PSRR
Figure 33. Power Supply Rejection vs. Frequency VS = ±12 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com