Electronic Components Datasheet Search
  English  ▼

X  

AD8062AR Datasheet(PDF) 7 Page - Analog Devices

Part # AD8062AR
Description  Low Cost, 300 MHz Rail-to-Rail Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8062AR Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8062AR Datasheet HTML 3Page - Analog Devices AD8062AR Datasheet HTML 4Page - Analog Devices AD8062AR Datasheet HTML 5Page - Analog Devices AD8062AR Datasheet HTML 6Page - Analog Devices AD8062AR Datasheet HTML 7Page - Analog Devices AD8062AR Datasheet HTML 8Page - Analog Devices AD8062AR Datasheet HTML 9Page - Analog Devices AD8062AR Datasheet HTML 10Page - Analog Devices AD8062AR Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD8061/AD8062/AD8063
Rev. E | Page 7 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
LOAD CURRENT (mA)
0
0
10
0.2
+VOUT @ +85°C
+VOUT @ +25°C
+VOUT @ –40°C
–VOUT @ +85°C
–VOUT @ +25°C
0.4
0.6
0.8
1.0
1.2
20
30
40
50
60
70
80
90
–VOUT @ –40°C
Figure 7. Output Saturation Voltage vs. Load Current
SINGLE POWER SUPPLY (V)
18
8
0
16
14
12
10
6
4
2
AD8062
AD8061
2
8
7
5
46
3
Figure 8. ISUPPLY vs. VSUPPLY
RF = 0Ω
FREQUENCY (MHz)
3
–12
1
1k
–6
100
10
0
–3
–9
VO = 0.2V p-p
RL = 1kΩ
VBIAS = 1V
RF
OUT
IN
VBIAS
50Ω
RL
RF = 50Ω
Figure 9. Small Signal Response, RF = 0 Ω, 50 Ω
FREQUENCY (MHz)
3
–12
1
1k
–6
100
10
0
–3
–9
G = +1
G = +2
G = +5
VO = 0.2V p-p
RL = 1kΩ
VBIAS = 1V
Figure 10. Small Signal Frequency Response
FREQUENCY (MHz)
3
–12
1
1k
–6
100
10
0
–3
–9
G = +2
G = +5
G = +1
VO = 1.0V p-p
RL = 1kΩ
VBIAS = 1V
Figure 11. Large Signal Frequency Response
G = –1
FREQUENCY (MHz)
3
–12
1
1k
–6
100
10
0
–3
–9
G = –2
G = –5
VS = 5V
VO = 0.2V p-p
RL = 1kΩ
VBIAS = 1V
RF
OUT
IN
VBIAS
50Ω
RL
Figure 12. Small Signal Frequency Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com