Electronic Components Datasheet Search
  English  ▼

X  

AD8052AR Datasheet(PDF) 11 Page - Analog Devices

Part # AD8052AR
Description  Low Cost, High Speed, Rail-to-Rail Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8052AR Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8052AR Datasheet HTML 7Page - Analog Devices AD8052AR Datasheet HTML 8Page - Analog Devices AD8052AR Datasheet HTML 9Page - Analog Devices AD8052AR Datasheet HTML 10Page - Analog Devices AD8052AR Datasheet HTML 11Page - Analog Devices AD8052AR Datasheet HTML 12Page - Analog Devices AD8052AR Datasheet HTML 13Page - Analog Devices AD8052AR Datasheet HTML 14Page - Analog Devices AD8052AR Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD8051/AD8052/AD8054
Rev. H | Page 11 of 24
FREQUENCY (MHz)
6.3
6.2
5.3
0.1
100
5.9
5.6
5.5
5.4
6.1
6.0
5.7
5.8
1
10
VS = 5V
G = +2
RL = 150Ω
RF = 806Ω
VOUT = 0.2V p-p
Figure 13. AD8051/AD8052 0.1 dB Gain Flatness vs. Frequency; G = +2
FREQUENCY (MHz)
9
8
–1
5
2
1
0
7
6
3
4
VS = +5V
VOUT = 2V p-p
VS AS SHOWN
G = +2
RF = 2kΩ
RL = 2kΩ
VOUT AS SHOWN
VS = ±5V
VOUT = 4V p-p
0.1
1
10
100
500
Figure 14. AD8051/AD8052 Large Signal Frequency Response; G = +2
FREQUENCY (MHz)
80
70
–20
40
10
0
–10
60
50
20
30
0
–45
–90
–135
–180
GAIN
PHASE
50° PHASE
MARGIN
0.01
0.1
1
10
100
500
VS = 5V
RL = 2kΩ
Figure 15. AD8051/AD8052 Open-Loop Gain and Phase vs. Frequency
6.3
5.9
5.4
6.2
6.1
6.0
5.8
5.7
5.6
5.5
1
100
10
FREQUENCY (MHz)
5.3
VS = 5V
RF = 200Ω
RL = 150Ω
G = +2
VOUT = 0.2V p-p
Figure 16. AD8054 0.1 dB Gain Flatness vs. Frequency; G = +2
FREQUENCY (MHz)
9
8
–1
5
2
1
0
7
6
3
4
0.1
1
10
100
500
VS = ±5V
VOUT = 4V p-p
VS AS SHOWN
G = +2
RF = 2kΩ
RL = 2kΩ
VOUT AS SHOWN
VS = +5V
VOUT = 2V p-p
Figure 17. AD8054 Large Signal Frequency Response; G = +2
GAIN
PHASE
180
135
90
45
0
FREQUENCY (Hz)
80
70
–20
40
10
0
–10
60
50
20
30
45° PHASE
MARGIN
30k
100k
1M
10M
100M
500M
VS = 5V
RL = 2kΩ
CL = 5pF
Figure 18. AD8054 Open-Loop Gain and Phase Margin vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com