Electronic Components Datasheet Search
  English  ▼

X  

CPC1302GS Datasheet(PDF) 3 Page - Littelfuse

Part # CPC1302GS
Description  Dual Optocoupler High-Voltage Darlington Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

CPC1302GS Datasheet(HTML) 3 Page - Littelfuse

  CPC1302GS Datasheet HTML 1Page - Littelfuse CPC1302GS Datasheet HTML 2Page - Littelfuse CPC1302GS Datasheet HTML 3Page - Littelfuse CPC1302GS Datasheet HTML 4Page - Littelfuse CPC1302GS Datasheet HTML 5Page - Littelfuse CPC1302GS Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
CPC1302
www.ixysic.com
3
R08
LED Forward Voltage (V)
1.10 1.15 1.20 1.25 1.30 1.35 1.40 1.45 1.50 1.55
0
10
20
30
40
50
LED Current (I
F) vs.
LED Forward Voltage (V
F)
LED Forward Voltage (V)
1.10 1.15 1.20 1.25 1.30 1.35 1.40 1.45 1.50 1.55
0.1
1
10
100
LED Current (I
F) vs.
LED Forward Voltage (V
F)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.0
1.1
1.2
1.3
1.4
1.5
1.6
LED Forward Voltage
vs. Temperature
I
F=50mA
I
F=20mA
I
F=10mA
I
F=5mA
I
F=2mA
100000
0.1
1
10
100
10000
1000
100
10
LED Current (mA)
V
CE=1.5V
V
CE=1.0V
CTR vs. LED Current (I
F)
LED Forward Current (mA)
0.01
1000
100
10
1
0.1
1
10
100
Collector Current vs. LED Current (I
F)
V
CE=1.0V
V
CE=1.5V
Collector Current vs. Temperature
Temperature (ºC)
(V
CE = 1.2V)
375
300
225
150
75
0
-40
-20
0
20
40
60
80
100
I
F=10mA
I
F=5mA
I
F=1mA
I
F=0.5mA
Load Resistance ( )
10
100
1K
10K
100K
0.1
1
10
100
1000
Switching Time vs. Load Resistance
t
off , IF=16mA
t
off , IF=1.6mA
t
on , IF=1.6mA
t
on , IF=16mA
Collector-Emitter Voltage V
CE (V)
0
180
160
140
120
100
80
60
40
20
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
Collector Current vs.
Collector-Emitter Voltage
I
F = 1mA
I
F = 0.5mA
I
F = 2mA
I
F = 5mA
I
F = 10mA
Temperature (ºC)
Leakage vs. Temperature
(V
CEO=350V)
3.0
2.5
2.0
1.5
1.0
0.5
0
-40
-20
0
20
40
60
80
120
100
Breakdown Voltage vs. Temperature
Temperature (ºC)
-40
450
440
430
420
410
400
390
380
370
-15
10
35
60
85
PERFORMANCE DATA*
* Unless otherwise noted, data presented in these graphs is typical of device operation at 25ºC.
For guaranteed parameters not indicated in the written specifications, please contact our application department.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com