Electronic Components Datasheet Search
  English  ▼

X  

AD8066ARM Datasheet(PDF) 15 Page - Analog Devices

Part # AD8066ARM
Description  High Performance, 145 MHz FastFET??Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8066ARM Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8066ARM Datasheet HTML 11Page - Analog Devices AD8066ARM Datasheet HTML 12Page - Analog Devices AD8066ARM Datasheet HTML 13Page - Analog Devices AD8066ARM Datasheet HTML 14Page - Analog Devices AD8066ARM Datasheet HTML 15Page - Analog Devices AD8066ARM Datasheet HTML 16Page - Analog Devices AD8066ARM Datasheet HTML 17Page - Analog Devices AD8066ARM Datasheet HTML 18Page - Analog Devices AD8066ARM Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
AD8065/AD8066
Rev. G | Page 15 of 28
TEST CIRCUITS
SOIC-8 Pinout
AD8065
+VCC
VIN
–VEE
4.7
μF
0.1
μF
24.9
Ω
RSNUB
0.1
μF
4.7
μF
CLOAD
FET PROBE
49.9
Ω
1k
Ω
Figure 42. G = +1
AD8065
+VCC
VIN
–VEE
4.7
μF
0.1
μF
2.2pF
RSNUB
0.1
μF
4.7
μF
49.9
Ω
499
Ω
499
Ω
249
Ω
CLOAD
FET PROBE
1k
Ω
Figure 43. G = +2
VIN
49.9
Ω
AD8065
+VCC
–VEE
4.7
μF
0.1
μF
2.2pF
0.1
μF
4.7
μF
499
Ω
499
Ω
249
Ω
FET PROBE
1k
Ω
Figure 44. G = −1
AD8065
+VCC
–VEE
4.7
μF
0.1
μF
24.9
Ω
0.1
μF
4.7
μF
NETWORK ANALYZER S22
Figure 45. Output Impedance G = +1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com