Electronic Components Datasheet Search
  English  ▼

X  

LM70 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM70
Description  SPI/MICROWIRE 10-Bit plus Sign Digital Temperature
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM70 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM70_06 Datasheet HTML 6Page - National Semiconductor (TI) LM70_06 Datasheet HTML 7Page - National Semiconductor (TI) LM70_06 Datasheet HTML 8Page - National Semiconductor (TI) LM70_06 Datasheet HTML 9Page - National Semiconductor (TI) LM70_06 Datasheet HTML 10Page - National Semiconductor (TI) LM70_06 Datasheet HTML 11Page - National Semiconductor (TI) LM70_06 Datasheet HTML 12Page - National Semiconductor (TI) LM70_06 Datasheet HTML 13Page - National Semiconductor (TI) LM70_06 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
2.0 Serial Bus Timing Diagrams
3.0 Application Hints
To get the expected results when measuring temperature
with an integrated circuit temperature sensor like the LM70,
it is important to understand that the sensor measures its
own die temperature. For the LM70, the best thermal path
between the die and the outside world is through the LM70’s
pins. In the MSOP-8 package the ground pin is connected to
the back side of the LM70 die and thus has the most effect
on the die temperature. Although the other pins will also
have some effect on the LM70die temperature and therefore
should not be discounted. The LM70 will provide an accurate
measurement of the temperature of the printed circuit board
on which it is mounted, because the pins represent a good
thermal path to the die. A less efficient thermal path exists
between the plastic package and the LM70 die. If the ambi-
ent air temperature is significantly different from the printed
circuit board temperature, it will have a small effect on the
measured temperature.
In probe-type applications, the LM70 can be mounted inside
a sealed-end metal tube, and can then be dipped into a bath
or screwed into a threaded hole in a tank. As with any IC, the
LM70 and accompanying wiring and circuits must be kept
insulated and dry, to avoid leakage and corrosion. This is
especially true if the circuit may operate at cold temperatures
where condensation can occur. Printed-circuit coatings and
varnishes such as Humiseal and epoxy paints or dips are
often used to insure that moisture cannot corrode the LM70
or its connections.
10122314
a) Reading Continuous Conversion - Single Eight-Bit Frame
10122315
b) Reading Continuous Conversion - Two Eight-Bit Frames
10122318
c) Writing Shutdown Control
FIGURE 7. Timing Diagrams
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com