Electronic Components Datasheet Search
  English  ▼

X  

342 Datasheet(PDF) 2 Page - Littelfuse

Part # 342
Description  Panel Mount Enclosed Fuseholders for 3AB/3AG/F02/F03 Fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

342 Datasheet(HTML) 2 Page - Littelfuse

  342 Datasheet HTML 1Page - Littelfuse 342 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Fuseholder Datasheet
© 2024 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: GD. 05/01/24
2
342 Military Series
Panel Mount Enclosed Fuseholders for 3AB/3AG/F02/F03 Fuses
Dimensions
Disclaimer Notice - Information furnished is believed to be accurate and reliable. However, users should independently evaluate the suitability of and test each product selected for their own applications. Littelfuse products are
not designed for, and may not be used in, all applications. Read complete Disclaimer Notice at: www.littelfuse.com/disclaimer-electronics.
342021
NUT
NUT
LOCKWASHER
RECOMMENDED
MOUNTING HOLE
RECOMMENDED
MOUNTING HOLE
RECOMMENDED
MOUNTING HOLE
WASHER
(DRIP-PROOF)
0.055
0.45 FLAT
2.094
(WITH FUSE INSTALLED)
1.313 MAX
0.781
0.25
0.438
0.516
PROD HOLE
KNOCKOUT
0.475
0.480
0.502
0.510
342024
340267
General Application/Straight Terminal Product Dimensions
General Application/Right Angle Terminal Product Dimensions
Watertight Product Dimensions
2.16
REF
0.81
REF
0.937
REF
Ø 0.12
Ø 0.110 ± 0.005
Ø 0.690
Ø 0.690
KNOB
BODY
WASHER
LOCKWASHER
0.122 x 0.090
ELONGATED HOLE THRU
0.025 THK SIDE # TERMINAL
1/2-24 UNS-2A THREAD
0.812
0.885
MAX
0.050
MIN
0.570
0.575
BASE
O-RING
GASKET, NON-CONDUCTIVE
KNOB
CAP/CHAIN
RING, SPLIT TAB
GASKET, (RFI)
LOCKWASHER
NUT
BODY
0.09 x 0.13 ELONGATED HOLE
Ø 0.110 ± 0.005
0.060
0.050
0.25 ± 0.005
0.312
1/2-24 THREAD
2.234 MAX
0.172 MAX
Ø 0.875
1.0 MAX
0.45
ACROSS
FLATS
0.625
0.635
0.120
5/8-18 THREAD
LOCK WASHER
JOINT AROUND RIVET &
TERMINAL IS SOLDER
COATED TO PROVIDE A SEAL
0.025
1.78 MAX
WITH FUSE INSERTED
1.0
0.703
0.438
WASHER (DRIP-PROOF)
0.475
0.480
0.502
0.510
0.438
0.250
0.45 FLAT
NUT
0.032
GASKET
“O” RING
342025
Ø 0.140 ± 0.005
0.085 ± 0.005 x 0.120 ± 0.005
ELONGATED HOLE
1/2-24 UNS-2A THREAD
NUT
KNOB
BODY
WASHER
LOCKWASHER
MIL
Specification
Type
Designation
Catalog
Number
Ordering
Number
Type
Electrical
Rating
Terminal
Type
Knob
Type
MIL-PRF19207/11
FHN20G
342025
03420025Z
Drip-proof
20 A 250 V
Right Angle-solder
Knurled
MIL-PRF19207/16
FHN26G2
342024
03420024Z
Drip-proof
30 A 250 V
Straight Angle-solder
Fluted
MIL-PRF19207/16
FHN26W
342021
03420021Z
Water Tight
30 A 250 V
Straight Angle-solder
Fluted
MIL-PRF19207/36
FHN55W
340267
03400267Z Water Tight RFI
30 A 250 V
Straight Angle-solder
Fluted
Ordering Information



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com