Electronic Components Datasheet Search
  English  ▼

X  

H173N4HD Datasheet(PDF) 3 Page - Guangdong Huixin Electronic Technology Co., Ltd.

Part # H173N4HD
Description  40V SGT Single N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

H173N4HD Datasheet(HTML) 3 Page - Guangdong Huixin Electronic Technology Co., Ltd.

  H173N4HD Datasheet HTML 1Page - Guangdong Huixin Electronic Technology Co., Ltd. H173N4HD Datasheet HTML 2Page - Guangdong Huixin Electronic Technology Co., Ltd. H173N4HD Datasheet HTML 3Page - Guangdong Huixin Electronic Technology Co., Ltd. H173N4HD Datasheet HTML 4Page - Guangdong Huixin Electronic Technology Co., Ltd. H173N4HD Datasheet HTML 5Page - Guangdong Huixin Electronic Technology Co., Ltd. H173N4HD Datasheet HTML 6Page - Guangdong Huixin Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
+86-769-22857832
huixin@hx kj.hk
Rev.01
Page 3 of 6
Typical Characteristics
Fig 1. Typical Output Characteristics
Figure 2. On-Resistance vs. Gate-Source Voltage
Figure 3. On-Resistance vs. Drain Current and Gate Voltage
Figure 4. Normalized On-Resistance vs. Junction Temperature
Figure 5. Typical Transfer Characteristics
Figure 6. Typical Source-Drain Diode Forward Voltage
0
1
2
3
4
5
0
5
10
15
20
I
D (A)
V
GS=10V
V
GS=6V
0.8
1
1.2
1.4
1.6
1.8
0
25
50
75
100
125
150
175
Temperature (°C)
I
D=20A
V
GS=10V
V
GS=6V
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
0.0
0.2
0.4
0.6
0.8
1.0
V
SD (V)
25°C
125°C
1
2
3
4
2
4
6
8
10
V
GS (V)
I
D=20A
125°C
25°C
0
5
10
15
20
1
2
3
4
5
6
V
GS(V)
125℃
25℃
V
DS=5V
0
10
20
30
40
50
60
0
0.5
1
1.5
V
DS (V)
6V
5V
10V
Vgs=4.5V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com