Electronic Components Datasheet Search
  English  ▼

X  

ADA4417-3 Datasheet(PDF) 4 Page - Analog Devices

Part # ADA4417-3
Description  Integrated Triple Video Filter for High Definition Video
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4417-3 Datasheet(HTML) 4 Page - Analog Devices

  ADA4417-3 Datasheet HTML 1Page - Analog Devices ADA4417-3 Datasheet HTML 2Page - Analog Devices ADA4417-3 Datasheet HTML 3Page - Analog Devices ADA4417-3 Datasheet HTML 4Page - Analog Devices ADA4417-3 Datasheet HTML 5Page - Analog Devices ADA4417-3 Datasheet HTML 6Page - Analog Devices ADA4417-3 Datasheet HTML 7Page - Analog Devices ADA4417-3 Datasheet HTML 8Page - Analog Devices ADA4417-3 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADA4417-3
Rev. A | Page 4 of 16
VS = 3.3 V (@ TA = 25°C, VIN = 1.0 V p-p, G = +2, RT = 0 Ω1, RL = 150 Ω, DCO = 1, unless otherwise noted).
Table 2.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
OVERALL PERFORMANCE
DC Offset
DCO = 1, input referred
66
100
145
mV
DCO = 0, input referred
42
mV
Input Voltage Range
See Note 22
Output Voltage Range
0.08
3.05
V
Linear Output Current
Per channel
20
mA
DC Voltage Gain
5.75
6.16
dB
Integrated Voltage Noise
f = 100 kHz to 30 MHz, input referred
0.4
mV rms
Filter Input Bias Current
3.2
μA
Slew Rate
130
V/μs
Settling Time to 0.5%
70
ns
Output Overdrive Recovery
125
ns
Total Harmonic Distortion
f = 1 MHz, VIN = 0.7 V p-p
0.08
%
Gain Matching
0.02
0.18
dB
FILTER DYNAMIC PERFORMANCE
−1 dB Bandwidth
27
38
MHz
−3 dB Bandwidth
31
42
MHz
Out-of-Band Rejection
f = 75 MHz
40
44
dB
Crosstalk
f = 5 MHz, input referred, RT = 275 Ω1
−61
dB
Propagation Delay
f = 5 MHz
26.5
ns
Group Delay Variation
f = 1 MHz to 36 MHz
4
ns
Differential Gain
Modulated 10 step ramp, sync tip at 0 V
0.07
%
Differential Phase
Modulated 10 step ramp, sync tip at 0 V
0.14
Degrees
DISABLE PERFORMANCE
DISABLE Assert Voltage
0.8
V
DISABLE Assert Time
110
ns
DISABLE Deassert Voltage
2.0
V
DISABLE Deassert Time
3.0
μs
DISABLE Input Bias Current
19
μA
Input-to-Output Isolation—Disabled
f = 5 MHz, DISABLE = 0
92
dB
POWER SUPPLY
Operating Range
3.3 to 5.0
V
Quiescent Current
DCO = 0
19.0
21.5
mA
DCO = 1
22.5
29.0
mA
Quiescent Current—Disabled
DCO = 0, DISABLE = 0
10
μA
PSRR
DCO = 0
52
71
dB
1 See Figure 25.
2 Limited by output range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com