Electronic Components Datasheet Search
  English  ▼

X  

ADA4417-3ARMZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADA4417-3ARMZ
Description  Integrated Triple Video Filter for High Definition Video
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4417-3ARMZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADA4417-3ARMZ Datasheet HTML 6Page - Analog Devices ADA4417-3ARMZ Datasheet HTML 7Page - Analog Devices ADA4417-3ARMZ Datasheet HTML 8Page - Analog Devices ADA4417-3ARMZ Datasheet HTML 9Page - Analog Devices ADA4417-3ARMZ Datasheet HTML 10Page - Analog Devices ADA4417-3ARMZ Datasheet HTML 11Page - Analog Devices ADA4417-3ARMZ Datasheet HTML 12Page - Analog Devices ADA4417-3ARMZ Datasheet HTML 13Page - Analog Devices ADA4417-3ARMZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADA4417-3
Rev. A | Page 10 of 16
30
25
20
15
10
5
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
DISABLE AND DCO VOLTAGE (V)
VS = 5V,
DISABLE AND DCO
TIED TOGETHER,
RL = OPEN
TA = +85°C
TA = +25°C
TA = –40°C
30
27
24
21
18
15
–40
80
70
60
50
40
30
20
10
0
–10
–20
–30
TEMPERATURE (°C)
DCO = 1
DCO = 0
BLACK LINE: VS = 3.3V
GRAY LINE: VS = 5V
Figure 24. Supply Current vs. DISABLE/DCO Voltage and Temperature
Figure 22. Supply Current vs. Temperature
5.0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
–0.25
2.75
2.25
1.75
1.25
0.75
0.25
INPUT VOLTAGE (V)
DCO = 1
DCO = 0
Figure 23. Output Voltage vs. Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com