Electronic Components Datasheet Search
  English  ▼

X  

DS3232M Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS3232M
Description  ±5ppm, I2C Real-Time Clock with SRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3232M Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS3232M Datasheet HTML 1Page - Maxim Integrated Products DS3232M Datasheet HTML 2Page - Maxim Integrated Products DS3232M Datasheet HTML 3Page - Maxim Integrated Products DS3232M Datasheet HTML 4Page - Maxim Integrated Products DS3232M Datasheet HTML 5Page - Maxim Integrated Products DS3232M Datasheet HTML 6Page - Maxim Integrated Products DS3232M Datasheet HTML 7Page - Maxim Integrated Products DS3232M Datasheet HTML 8Page - Maxim Integrated Products DS3232M Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
DS3232M
±5ppm, I2C Real-Time Clock with SRAM
3
Maxim Integrated
DC ELECTRICAL CHARACTERISTICS—GENERAL (continued)
(VCC = +2.3V to +4.5V, TA = -40NC to +85NC, unless otherwise noted. Typical values are at VCC = +3.3V, VBAT = +3.0V, and
TA = +25NC, unless otherwise noted.) (Note 2)
DC ELECTRICAL CHARACTERISTICS—VBAT CURRENT CONSUMPTION
(VCC = 0V, VBAT = +2.3V to +4.5V, TA = -40NC to +85NC, unless otherwise noted. Typical values are at VCC = 0V, VBAT = +3.0V, and
TA = +25NC, unless otherwise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Temperature Conversion Current
(I2C Inactive)
ICCSCONV
200
350
µA
Power-Fail Voltage
VPF
2.45
2.575
2.70
V
Logic 0 Output
(32KHZ, INT/SQW, SDA)
VOL
IOL = 3mA
0.4
V
Logic 0 Output (RST)
VOL
IOL = 1mA
0.4
V
Logic 1 Output (32KHZ)
VOH
Active supply > 3.3V, IOH = -1mA
2.0
V
Active supply > 2.7V, IOH = -0.75mA
2.0
Active supply > 2.3V, IOH = -0.14mA
2.0
Output Leakage
(32KHZ, INT/SQW, SDA)
ILO
-0.1
+0.1
µA
Input Leakage (SCL)
ILI
-0.1
+0.1
µA
RST I/O Leakage
IOL
-200
+10
µA
VBAT Leakage
IBATLKG
TA = +25NC
-100
25
+100
nA
Temperature Accuracy
TEMPACC VCC or VBAT = +3.3V
Q
3
N
C
Temperature Conversion Time
tCONV
10
ms
Pushbutton Debounce
PBDB
250
ms
Reset Active Time
tRST
250
ms
Oscillator Stop Flag (OSF) Delay
tOSF
(Note 5)
25
100
ms
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Active Battery Current
(I2C Active)
IBATA
(Note 3)
25
75
µA
Timekeeping Battery Current
(I2C Inactive)
IBATT
EN32KHZ = 0, INTCN = 1 (Note 3)
1.8
3.0
µA
Temperature Conversion Current
(I2C Inactive)
IBATTC
200
350
µA
Data Retention Current
(Oscillator Stopped and I2C
Inactive)
IBATDR
TA = +25NC
100
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com