Electronic Components Datasheet Search
  English  ▼

X  

LM134H Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM134H
Description  3-Terminal Adjustable Current Sources
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM134H Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM134H Datasheet HTML 3Page - National Semiconductor (TI) LM134H Datasheet HTML 4Page - National Semiconductor (TI) LM134H Datasheet HTML 5Page - National Semiconductor (TI) LM134H Datasheet HTML 6Page - National Semiconductor (TI) LM134H Datasheet HTML 7Page - National Semiconductor (TI) LM134H Datasheet HTML 8Page - National Semiconductor (TI) LM134H Datasheet HTML 9Page - National Semiconductor (TI) LM134H Datasheet HTML 10Page - National Semiconductor (TI) LM134H Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Application Hints (Continued)
The set current (I
SET) is the sum of I1 and I2, each contrib-
uting approximately 50% of the set current, and I
BIAS.IBIAS is
usually included in the I
1 term by increasing the VR value
used for calculations by 5.9%. (See CALCULATING R
SET.)
The first step is to minimize the tempco of the circuit, using
the following equations. An example is given using a value of
+227µV/˚C as the tempco of the LM134 (which includes the
I
BIAS component), and −2.5 mV/˚C as the tempco of the
diode (for best results, this value should be directly mea-
sured or obtained from the manufacturer of the diode).
With the R
1 to R2 ratio determined, values for R1 and R2
should be determined to give the desired set current. The
formula for calculating the set current at T = 25˚C is shown
below, followed by an example that assumes the forward
voltage drop across the diode (V
D) is 0.6V, the voltage
across R
1 is 67.7mV (64 mV + 5.9% to account for IBIAS),
and R
2/R1 = 10 (from the previous calculations).
This circuit will eliminate most of the LM134’s temperature
coefficient, and it does a good job even if the estimates of the
diode’s characteristics are not accurate (as the following
example will show). For lowest tempco with a specific diode
at the desired I
SET, however, the circuit should be built and
tested over temperature. If the measured tempco of I
SET is
positive, R
2 should be reduced. If the resulting tempco is
negative, R
2 should be increased. The recommended diode
for use in this circuit is the 1N457 because its tempco is
centered at 11 times the tempco of the LM134, allowing R
2 =
10 R
1. You can also use this circuit to create a current source
with non-zero tempcos by setting the tempco component of
the tempco equation to the desired value instead of 0.
EXAMPLE: A 1mA, Zero-Tempco Current Source
First, solve for R
1 and R2:
The values of R
1 and R2 can be changed to standard 1%
resistor values (R
1 = 133
Ω and R
2 = 1.33k
Ω) with less than
a 0.75% error.
00569728
FIGURE 3. Zero Tempco Current Source
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com