Electronic Components Datasheet Search
  English  ▼

X  

AD8603 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8603
Description  Precision Micropower, Low Noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8603 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8603 Datasheet HTML 9Page - Analog Devices AD8603 Datasheet HTML 10Page - Analog Devices AD8603 Datasheet HTML 11Page - Analog Devices AD8603 Datasheet HTML 12Page - Analog Devices AD8603 Datasheet HTML 13Page - Analog Devices AD8603 Datasheet HTML 14Page - Analog Devices AD8603 Datasheet HTML 15Page - Analog Devices AD8603 Datasheet HTML 16Page - Analog Devices AD8603 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AD8603/AD8607/AD8609
Rev. B | Page 13 of 20
COMPOSITE AMPLIFIERS
Optimum values for RS and CS are determined empirically;
Table 5 lists a few starting values.
A composite amplifier can provide a very high gain in
applications where high closed-loop dc gains are needed. The
high gain achieved by the composite amplifier comes at the
expense of a loss in phase margin. Placing a small capacitor,
CF, in the feedback in parallel with R2 (
Table 5. Optimum Values for the Snubber Network
CL (pF)
RS (Ω)
CS (pF)
100~500
500
680
Figure 45) improves the
phase margin. Picking CF = 50 pF yields a phase margin of
about 45° for the values shown in
1500
100
330
1600~2000
400
100
Figure 45.
PROXIMITY SENSORS
A composite amplifier can be used to optimize dc and ac
characteristics.
Proximity sensors can be capacitive or inductive and are used in
a variety of applications. One of the most common applications
is liquid level sensing in tanks. This is particularly popular in
pharmaceutical environments where a tank must know when to
stop filling or mixing a given liquid. In aerospace applications,
these sensors detect the level of oxygen used to propel engines.
Whether in a combustible environment or not, capacitive
sensors generally use low voltage. The precision and low voltage
of the AD8603/AD8607/AD8609 make the parts an excellent
choice for such applications.
Figure 46 shows an example using the AD8603
and the AD8541. This circuit offers many advantages. The
bandwidth is increased substantially, and the input offset
voltage and noise of the AD8541 become insignificant since
they are divided by the high gain of the AD8603.
The circuit of Figure 46 offers a high bandwidth (nearly double
that of the AD8603), a high output current, and a very low
power consumption of less than 100 μA.
R1
1k
Ω
V+
V
–
V+
V
–
VIN
100k
Ω
R2
AD8603
AD8541
100
Ω
C3
1k
Ω
R4
R3
C2
VCC
VEE
VCC
VEE
VEE
VCC
R1
1k
Ω
VCC
VEE
VIN
99k
Ω
R2
AD8603
AD8541
V+
V
–
V+
V
–
R3
R4
99k
Ω
1k
Ω
U5
Figure 46. Low Power Composite Amplifier
Figure 45. High Gain Composite Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com