Electronic Components Datasheet Search
  English  ▼

X  

DV-MB Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # DV-MB
Description  Male Disconnect, Nylon Barrel Insulated – Funnel Entry
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

DV-MB Datasheet(HTML) 1 Page - PANDUIT CORP.

  DV-MB Datasheet HTML 1Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ELECTRICAL SOLUTIONS
Order number of pieces required, in multiples of Standard Package Quantity.
Prime items appear in BOLD.
B2.
Cable
Accessories
C1.
Wiring
Duct
C3.
Abrasion
Protection
C4.
Cable
Management
D1.
Terminals
D2.
Power
Connectors
E1.
Labeling
Systems
E2.
Labels
E3.
Pre-Printed
& Write-On
Markers
F.
Index
B3.
Stainless
Steel Ties
C2.
Surface
Raceway
E5.
Lockout/
Tagout
& Safety
Solutions
B1.
Cable Ties
A.
System
Overview
D3.
Grounding
Connectors
E4.
Permanent
Identification
Male Disconnect, Nylon Barrel Insulated – Funnel Entry
• Male tab couples with (all 0.250 x 0.032) female disconnects
• Male tab can be inserted and removed from the female disconnect
without the use of tools for lower installed cost
• Metal insulation grip sleeve crimps to wire insulation, providing
protection to the crimp joint during high vibration applications
• Internal barrel serrations assure good wire contact and maximum
tensile strength
• UL Flammability UL 94V-2/HB, maximum insulation temperature
221°F (105°C)
• Rated up to 600 V
*Not UL Listed or CSA Certified.
**Bulk packaging may be available, contact Panduit Customer Service for additional information.
For crimping tool information, see pages D1.84 and D1.88.
Male Disconnect, Vinyl Barrel Insulated – Funnel Entry
• Male tab couples with (all 0.250 x 0.032) female disconnects
• Insulation support helps to prevent wire damage in
bending applications
• Male tab can be inserted and removed from the female disconnect
without the use of tools for lower installed cost
• UL Flammability UL 94V-0, maximum insulation temperature
221°F (105°C)
• Rated up to 600 V
*Not UL Listed or CSA Certified.
**Bulk packaging may be available, contact Panduit Customer Service for additional information.
For crimping tool information, see pages D1.84 and D1.88.
Type DNF-M
L
Type DV-MB
L
Part Number
Wire
Range
Color
Code
Max.
Ins.
(In.)
Figure Dimensions
(In.)
Tab
Size
(In.)
Recommended
Installation
Tool
Std.
Pkg.
Qty.**
Std.
Ctn.
Qty.
L
DNF18-250M-C
22–18
AWG
Red
0.136
0.90
0.250 x
0.032
CT-1550,
CT-1551,
CT-2500
100
1000
DNF14-250M-C
16–14
AWG
Blue
0.162
0.90
0.250 x
0.032
100
1000
DNF10-250M-L*
12–10
AWG
Yellow
0.230
1.03
0.250 x
0.032
50
500
Part Number
Wire
Range
Color
Code
Max.
Ins.
(In.)
Figure Dimensions
(In.)
Tab
Size
(In.)
Recommended
Installation
Tool
Std.
Pkg.
Qty.**
Std.
Ctn.
Qty.
L
DV18-250MB-CY
22 – 18
AWG
Red
0.154
0.98
0.250 x
0.032
CT-1550,
CT-1551,
CT-2500
100
500
DV14-250MB-C
16 – 14
AWG
Blue
0.180
0.96
0.250 x
0.032
100
500
DV10-250M-L*
12 – 10
AWG
Yellow
0.235
0.98
0.250 x
0.032
50
500


Similar Part No. - DV-MB

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
DV-MB PANDUIT-DV-MB Datasheet
82Kb / 5P
Tooling Selection Guide for PANDUIT Terminals, Splices, and Disconnects
More results

Similar Description - DV-MB

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
A41186 PANDUIT-A41186 Datasheet
176Kb / 1P
3PC. NYLON INSULATED. 12-10 BARREL, RINGS
DNF18-250 PANDUIT-DNF18-250 Datasheet
58Kb / 1P
FEMALE DISCONNECTS, NYLON INSULATED, FUNNEL .250X .032
D18-188 PANDUIT-D18-188 Datasheet
69Kb / 1P
NON-INSULATED FEMALE DISCONNECT, SLEEVED BARREL (.188 SERIES)
DNF18-187 PANDUIT-DNF18-187 Datasheet
63Kb / 1P
NYLON INSULATED FEMALE DISCONNECT, FUNNELED WIRE ENTRY (.187 SERIES)
DNF18-250M PANDUIT-DNF18-250M Datasheet
63Kb / 1P
NYLON INSULATED MALE DISCONNECT FUNNELED WIRE ENTRY .250 X .032 (6.35 X 0.81) MALE TAB
BSN22 PANDUIT-BSN22 Datasheet
42Kb / 1P
26-22 BARREL NYLON INSULATED BUTT SPLICE
PN18-4R PANDUIT-PN18-4R Datasheet
169Kb / 1P
3PC. NYLON INSULATED 22-18 BARREL, RING TERMINALS
PN14-8R-C PANDUIT-PN14-8R-C Datasheet
186Kb / 1P
3PC NYLON INSULATED 16 - 14 BARREL, RINGS
logo
Hubbell Incorporated.
FQN10M25X03D HUBBELL-FQN10M25X03D Datasheet
264Kb / 2P
Fully Insulated Brass Male Disconnect, 12-10 AWG, Nylon Insulated, Funnel Entry, Tin Plated.
FQN14M25X03D HUBBELL-FQN14M25X03D Datasheet
265Kb / 2P
Fully Insulated Brass Male Disconnect, 16-14 AWG, Nylon Insulated, Funnel Entry, Tin Plated.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com