Electronic Components Datasheet Search
  English  ▼

X  

AD8571ARZ Datasheet(PDF) 23 Page - Analog Devices

Part # AD8571ARZ
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8571ARZ Datasheet(HTML) 23 Page - Analog Devices

Back Button AD8571ARZ Datasheet HTML 16Page - Analog Devices AD8571ARZ Datasheet HTML 17Page - Analog Devices AD8571ARZ Datasheet HTML 18Page - Analog Devices AD8571ARZ Datasheet HTML 19Page - Analog Devices AD8571ARZ Datasheet HTML 20Page - Analog Devices AD8571ARZ Datasheet HTML 21Page - Analog Devices AD8571ARZ Datasheet HTML 22Page - Analog Devices AD8571ARZ Datasheet HTML 23Page - Analog Devices AD8571ARZ Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
AD8571/AD8572/AD8574
Rev. C | Page 23 of 24
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
COMPLIANT TO JEDEC STANDARDS MS-012-AB
14
8
7
1
6.20 (0.2441)
5.80 (0.2283)
4.00 (0.1575)
3.80 (0.1496)
8.75 (0.3445)
8.55 (0.3366)
1.27 (0.0500)
BSC
SEATING
PLANE
0.25 (0.0098)
0.10 (0.0039)
0.51 (0.0201)
0.31 (0.0122)
1.75 (0.0689)
1.35 (0.0531)
0.50 (0.0197)
0.25 (0.0098)
1.27 (0.0500)
0.40 (0.0157)
0.25 (0.0098)
0.17 (0.0067)
COPLANARITY
0.10
8°
0°
45°
Figure 73. 14-Lead Standard Small Outline Package [SOIC_N]
Narrow Body (R-14)
Dimensions shown in millimeters and (inches)
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Branding
AD8571AR
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8571AR-REEL
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8571AR-REEL7
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8571ARZ
−40°C to +125°C
8-Lead SOIC_N
R-8
1
AD8571ARZ-REEL
−40°C to +125°C
8-Lead SOIC_N
R-8
1
AD8571ARZ-REEL7
−40°C to +125°C
8-Lead SOIC_N
R-8
1
AD8571ARM-R2
−40°C to +125°C
8-Lead MSOP
RM-8
AJA
AD8571ARM-REEL
−40°C to +125°C
8-Lead MSOP
RM-8
AJA
AD8571ARMZ-R2
−40°C to +125°C
8-Lead MSOP
RM-8
AJA#
1
AD8571ARMZ-REEL
−40°C to +125°C
8-Lead MSOP
RM-8
AJA #
1
AD8572AR
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8572AR-REEL
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8572AR-REEL7
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8572ARZ
−40°C to +125°C
8-Lead SOIC_N
R-8
1
AD8572ARZ-REEL
−40°C to +125°C
8-Lead SOIC_N
R-8
1
AD8572ARZ-REEL7
−40°C to +125°C
8-Lead SOIC_N
R-8
1
AD8572ARU
−40°C to +125°C
8-Lead TSSOP
RU-8
AD8572ARU-REEL
−40°C to +125°C
8-Lead TSSOP
RU-8
AD8572ARUZ1
−40°C to +125°C
8-Lead TSSOP
RU-8
AD8572ARUZ-REEL1
−40°C to +125°C
8-Lead TSSOP
RU-8
AD8574AR
−40°C to +125°C
14-Lead SOIC_N
R-14
AD8574AR-REEL
−40°C to +125°C
14-Lead SOIC_N
R-14
AD8574AR-REEL7
−40°C to +125°C
14-Lead SOIC_N
R-14
AD8574ARZ1
−40°C to +125°C
14-Lead SOIC_N
R-14
AD8574ARZ-REEL1
−40°C to +125°C
14-Lead SOIC_N
R-14
AD8574ARZ-REEL71
−40°C to +125°C
14-Lead SOIC_N
R-14
AD8574ARU
−40°C to +125°C
14-Lead TSSOP
RU-14
AD8574ARU-REEL
−40°C to +125°C
14-Lead TSSOP
RU-14
AD8574ARUZ1
−40°C to +125°C
14-Lead TSSOP
RU-14
AD8574ARUZ-REEL1
−40°C to +125°C
14-Lead TSSOP
RU-14
1 Z = RoHS Compliant Part, # denote RoHS compliant product may be top or bottom marked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com