Electronic Components Datasheet Search
  English  ▼

X  

AD8515 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8515
Description  1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8515 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8515 Datasheet HTML 8Page - Analog Devices AD8515 Datasheet HTML 9Page - Analog Devices AD8515 Datasheet HTML 10Page - Analog Devices AD8515 Datasheet HTML 11Page - Analog Devices AD8515 Datasheet HTML 12Page - Analog Devices AD8515 Datasheet HTML 13Page - Analog Devices AD8515 Datasheet HTML 14Page - Analog Devices AD8515 Datasheet HTML 15Page - Analog Devices AD8515 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
AD8515
Rev. D | Page 15 of 16
WIEN BRIDGE OSCILLATOR
The circuit in Figure 38 can be used to generate a sine wave, one
of the most fundamental waveforms. Known as a Wien Bridge
oscillator, it has the advantage of requiring only one low power
amplifier. This is an important consideration, especially for battery-
operated applications where power consumption is a critical issue.
To keep the equations simple, the resistor and capacitor values
used are kept equal. For the oscillation to happen, two conditions
have to be met. First, there should be a zero phase shift from the
input to the output, which happens at the oscillation frequency of
C10
R10
f
OSC
×
π
=
2
1
Second, at this frequency, the ratio of VOUT to the voltage at the
positive input (+IN, Pin 3) has to be 3, which means that the
ratio of R11:R12 should be greater than 2.
C10
1nF
C9
1nF
R19
1kΩ
VEE
VCC
R13
1kΩ
R12
1kΩ
1
AD8515
3
2
U10
V+
V–
+
–
R11
2.05kΩ
Figure 38. Low Power Wien Bridge Oscillator
High frequency oscillators can be built with the AD8515,
due to its wide bandwidth. Using the values shown, an oscilla-
tion frequency of 130 kHz is created and is shown in Figure 39.
If R11 is too low, the oscillation might converge; if too large,
the oscillation diverges until the output clips (VS = ±2.5 V,
fOSC = 130 kHz).
Figure 39. Output of Wien Bridge Oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com