Electronic Components Datasheet Search
  English  ▼

X  

AD8502 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8502
Description  1 關A Micropower CMOS Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8502 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8502 Datasheet HTML 6Page - Analog Devices AD8502 Datasheet HTML 7Page - Analog Devices AD8502 Datasheet HTML 8Page - Analog Devices AD8502 Datasheet HTML 9Page - Analog Devices AD8502 Datasheet HTML 10Page - Analog Devices AD8502 Datasheet HTML 11Page - Analog Devices AD8502 Datasheet HTML 12Page - Analog Devices AD8502 Datasheet HTML 13Page - Analog Devices AD8502 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD8502/AD8504
Rev. 0 | Page 10 of 16
TIME (s)
VS
VOUT
GAIN = +1
VIN = VS/2
Figure 21. Turn-On Transient Response, VS = 5 V
4
3
2
1
0
–1
–2
–3
–4
–0.005 –0.003 –0.001
0.001
0.003
0.005
0.007
0.009
TIME (s)
VOUT
VIN
Figure 22. No Phase Reversal, VS = 5 V
4
2
0
1
3
–1
–2
–4
–3
–5
–4
–3
–2
–1
01234
5
TIME (s)
Figure 23. 0.1 Hz to 10 Hz Input Voltage Noise (VS = 5 V and 1.8 V)
1000
100
10
1
10
100
1k
FREQUENCY (Hz)
Figure 24. Input Voltage Noise (VS = 5 V and 1.8 V)
VOS (µV)
0
20
40
60
80
100
120
140
160
–2400 –1800 –1200
–600
0
600
1200
1800
2400
Figure 25. Input Offset Voltage Distribution (0 V < VCM < 1.8 V), VS = 1.8 V
200
50
100
150
0
TCVOS (µV/°C)
1
3
5
7
9
11
13
15
17
19
21
23
25
Figure 26. Input Offset Voltage Temperature Drift Distribution
(−40°C < TA < +85°C), VS = 1.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com