Electronic Components Datasheet Search
  English  ▼

X  

AD8216 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8216
Description  High Bandwidth, Bidirectional 65 V Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8216 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8216 Datasheet HTML 4Page - Analog Devices AD8216 Datasheet HTML 5Page - Analog Devices AD8216 Datasheet HTML 6Page - Analog Devices AD8216 Datasheet HTML 7Page - Analog Devices AD8216 Datasheet HTML 8Page - Analog Devices AD8216 Datasheet HTML 9Page - Analog Devices AD8216 Datasheet HTML 10Page - Analog Devices AD8216 Datasheet HTML 11Page - Analog Devices AD8216 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD8216
Rev. 0 | Page 8 of 16
55
60
50
45
40
35
30
25
20
15
10
5
INPUT COMMON-MODE VOLTAGE (V)
700
600
500
400
300
200
100
0
065
Figure 16. Total Input Bias Current vs. Input Common-Mode Voltage
7
0
1
2
3
4
5
6
0.01
1.60
0.37
0.34
0.31
0.28
0.25
0.22
0.19
0.16
0.13
0.10
0.07
0.04
DIFFERENTIAL INPUT (V)
Figure 17. Output Error (%) vs. Differential Input Voltage
(Unidirectional Operation (VREF1 and VREF2 Connected to GND))
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
INPUT DIFFERENTIAL VOLTAGE (V)
Figure 18. Output Error (%) vs. Differential Input Voltage
(Bidirectional Operation (VREF1 and VREF2 Connected to 2.5 V))
TIME (50ns/DIV)
INPUT (50mV/DIV)
PROPAGATION
DELAY
85ns
ZERO CROSSING
AY
BY
OUTPUT (50mV/DIV)
BX
AX
Figure 19. Propagation Delay (Falling)
TIME (50ns/DIV)
OUTPUT (50mV/DIV)
INPUT (50mV/DIV)
BX
AX
PROPAGATION
DELAY
110ns
ZERO CROSSING
AY
BY
Figure 20. Propagation Delay (Rising)
8000
6000
4000
2000
0
–15
–10
–5
0
5
OFFSET DRIFT (ppm/°C)
Figure 21. Gain Drift Distribution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com