Electronic Components Datasheet Search
  English  ▼

X  

AD8223ARM Datasheet(PDF) 14 Page - Analog Devices

Part # AD8223ARM
Description  Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8223ARM Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8223ARM Datasheet HTML 10Page - Analog Devices AD8223ARM Datasheet HTML 11Page - Analog Devices AD8223ARM Datasheet HTML 12Page - Analog Devices AD8223ARM Datasheet HTML 13Page - Analog Devices AD8223ARM Datasheet HTML 14Page - Analog Devices AD8223ARM Datasheet HTML 15Page - Analog Devices AD8223ARM Datasheet HTML 16Page - Analog Devices AD8223ARM Datasheet HTML 17Page - Analog Devices AD8223ARM Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD8223
Preliminary Technical Data
Rev.
PrA | Page 14 of 20
REFERENCE TERMINAL
The output voltage of the AD8223 is developed with respect to
the potential on the reference terminal. This is useful when the
output signal needs to be offset to a precise midsupply level. For
example, a voltage source can be tied to the REF pin to level-
shift the output so that the AD8223 can drive a single-supply
ADC. The REF pin is protected with ESD diodes and should
not exceed either +VS or −VS by more than 0.3 V.
For best performance, source impedance to the REF terminal
should be kept below 5 Ω. As shown in Figure 29, the reference
terminal, REF, is at one end of a 50 kΩ resistor. Additional
impedance at the REF terminal adds to this resistor and results
in poorer CMRR performance.
INCORRECT
AD8223
VREF
CORRECT
AD8223
OP2177
+
–
VREF
Figure 30. Driving the Reference Pin
INPUT PROTECTION
Internal supply referenced clamping diodes allow the input,
reference, output, and gain terminals of the AD8223 to safely
withstand overvoltages of 0.3 V above or below the supplies.
This is true for all gains, and for power-on and power-off. This
last case is particularly important because the signal source and
amplifier may be powered separately.
If the overvoltage is expected to exceed this value, the current
through these diodes should be limited to about 10 mA using
external current limiting resistors. This is shown in Figure 31.
The size of this resistor is defined by the supply voltage and the
required overvoltage protection.
10mA
1 = 10mA MAX
OUTPUT
AD8223
+
–
VOVER – VS + 0.7V
+VS
–VS
RG
RLIM
RLIM
RLIM =
VOVER
VOVER
Figure 31. Input Protection
RF INTERFERENCE
RF rectification is often a problem when amplifiers are used in
applications where there are strong RF signals. The disturbance
can appear as a small dc offset voltage. High frequency signals
can be filtered with a low-pass, R-C network placed at the input
of the instrumentation amplifier, as shown in Figure 32. The
filter limits the input signal bandwidth according to the follow-
ing relationship:
)
(2
2
1
C
D
Diff
C
C
R
FilterFreq
+
π
=
C
CM
RC
FilterFreq
π
=
2
1
where CD ≥ 10CC.
R
R
AD8223
+15V
+IN
–IN
0.1µF
10µF
10µF
0.1µF
REF
VOUT
–15V
R1
499
Ω
CD
47nF
CC
1nF
CC
1nF
4.02k
Ω
4.02k
Ω
+
–
+
Figure 32. RFI Suppression
Figure 32 shows an example where the differential filter
frequency is approximately 400 Hz, and the common-mode
filter frequency is approximately 40 kHz. The typical dc offset
shift over frequency is less than 1.5 μV and the circuit’s RF
signal rejection is better than 71 dB.
The resistors were selected to be large enough to isolate the
circuit’s input from the capacitors, but not large enough to
significantly increase the circuit’s noise. Values of R and CC
should be chosen to minimize RFI. Mismatch between the R × CC
at the positive input and the R × CC at negative input degrades
the CMRR of the AD8223. Because of their higher accuracy and
stability, COG/NPO type ceramic capacitors are recommended
for the CC capacitors. The dielectric for the CD capacitor is not
as critical.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com