Electronic Components Datasheet Search
  English  ▼

X  

AD8091 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8091
Description  Low Cost, High Speed Rail-to-Rail Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8091 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8091 Datasheet HTML 11Page - Analog Devices AD8091 Datasheet HTML 12Page - Analog Devices AD8091 Datasheet HTML 13Page - Analog Devices AD8091 Datasheet HTML 14Page - Analog Devices AD8091 Datasheet HTML 15Page - Analog Devices AD8091 Datasheet HTML 16Page - Analog Devices AD8091 Datasheet HTML 17Page - Analog Devices AD8091 Datasheet HTML 18Page - Analog Devices AD8091 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
AD8091/AD8092
Rev. C | Page 15 of 20
Some circuits use a sync tip clamp to hold the sync tips at a
relatively constant level to lower the amount of dynamic signal
swing required. However, these circuits can have artifacts like
sync tip compression unless they are driven by a source with a
very low output impedance. The AD8091/AD8092 have
adequate signal swing when running on a single 5 V supply to
handle an ac-coupled composite video signal.
The feedback circuit provides unity gain for the dc biasing of
the input and provides a gain of 2 for any signals that are in the
video bandwidth. The output is ac-coupled and terminated to
drive the line.
The capacitor values provide minimum tilt or field time
distortion of the video signal. These values are required for
video that is considered to be studio or broadcast quality.
However, if a lower consumer grade of video, sometimes
referred to as consumer video, is all that is desired, the values
and the cost of the capacitors can be reduced by as much as a
factor of 5 with minimum visible degradation in the picture.
The input to the circuit shown in Figure 36 is a standard
composite (1 V p-p) video signal that has the blanking level at
ground. The input network level shifts the video signal by
means of ac coupling. The noninverting input of the op amp is
biased to half of the supply voltage.
AD8091
5V
+
4.99kΩ
10µF
47µF
+
4.99kΩ
10kΩ
RT
75Ω
RG
1kΩ
RF
1kΩ
RBT
75Ω
RL
75Ω
VOUT
COMPOSITE
VIDEO IN
+
220µF
0.1µF
3
2
4
6
7
1000µF
0.1µF
10µF
+
Figure 36. Single-Supply Composite Video Line Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com