Electronic Components Datasheet Search
  English  ▼

X  

STM32F301C6 Datasheet(PDF) 29 Page - STMicroelectronics

Part # STM32F301C6
Description  Arm® Cortex®-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, COMP, Op-Amp, 2.0 – 3.6 V
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F301C6 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STM32F301C6 Datasheet HTML 25Page - STMicroelectronics STM32F301C6 Datasheet HTML 26Page - STMicroelectronics STM32F301C6 Datasheet HTML 27Page - STMicroelectronics STM32F301C6 Datasheet HTML 28Page - STMicroelectronics STM32F301C6 Datasheet HTML 29Page - STMicroelectronics STM32F301C6 Datasheet HTML 30Page - STMicroelectronics STM32F301C6 Datasheet HTML 31Page - STMicroelectronics STM32F301C6 Datasheet HTML 32Page - STMicroelectronics STM32F301C6 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 141 page
background image
DS9895 Rev 8
29/141
STM32F301x6 STM32F301x8
Functional overview
52
Table 10. Capacitive sensing GPIOs available on STM32F301x6/8 devices
Group
Capacitive sensing signal name
Pin name
1
TSC_G1_IO1
PA0
TSC_G1_IO2
PA1
TSC_G1_IO3
PA2
TSC_G1_IO4
PA3
2
TSC_G2_IO1
PA4
TSC_G2_IO2
PA5
TSC_G2_IO3
PA6
TSC_G2_IO4
PA7
3
TSC_G3_IO1
PC5
TSC_G3_IO2
PB0
TSC_G3_IO3
PB1
TSC_G3_IO4
PB2
4
TSC_G4_IO1
PA9
TSC_G4_IO2
PA10
TSC_G4_IO3
PA13
TSC_G4_IO4
PA14
5
TSC_G5_IO1
PB3
TSC_G5_IO2
PB4
TSC_G5_IO3
PB6
TSC_G5_IO4
PB7
6
TSC_G6_IO1
PB11
TSC_G6_IO2
PB12
TSC_G6_IO3
PB13
TSC_G6_IO4
PB14
Table 11. No. of capacitive sensing channels available on
STM32F301x6/8 devices
Analog I/O group
Number of capacitive sensing channels
STM32F301Rx
STM32F301Cx
STM32F301Kx
G1
3
3
3
G2
3
3
3
G3
3
2
1
G4
3
3
3
G5
3
3
3