Electronic Components Datasheet Search
  English  ▼

X  

LM4040 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4040
Description  Precision Micropower Shunt Voltage Reference
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4040 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LM4040_05 Datasheet HTML 17Page - National Semiconductor (TI) LM4040_05 Datasheet HTML 18Page - National Semiconductor (TI) LM4040_05 Datasheet HTML 19Page - National Semiconductor (TI) LM4040_05 Datasheet HTML 20Page - National Semiconductor (TI) LM4040_05 Datasheet HTML 21Page - National Semiconductor (TI) LM4040_05 Datasheet HTML 22Page - National Semiconductor (TI) LM4040_05 Datasheet HTML 23Page - National Semiconductor (TI) LM4040_05 Datasheet HTML 24Page - National Semiconductor (TI) LM4040_05 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
LM4040-10.0
Electrical Characteristics (Industrial Temperature Range)
Boldface limits apply for T
A =TJ =TMIN to TMAX; all other limits TA =TJ = 25˚C. The grades C and D designate initial Re-
verse Breakdown Voltage tolerances of ±0.5% and ±1.0%, respectively.
Symbol
Parameter
Conditions
Typical
(Note 4)
Units
(Limit)
LM4040CIM3
LM4040DIM3
LM4040CIZ
LM4040DIZ
Limits
Limits
(Note 5)
(Note 5)
V
R
Reverse Breakdown Voltage
I
R = 150 µA
10.00
V
Reverse Breakdown Voltage
Tolerance (Note 6)
I
R = 150 µA
±50
±100
mV (max)
±115
±198
mV (max)
I
RMIN
Minimum Operating Current
75
µA
100
110
µA (max)
103
113
µA (max)
∆V
R/
∆T Average Reverse Breakdown
Voltage Temperature
Coefficient (Note 6)
I
R =10 mA
±40
ppm/˚C
I
R =1 mA
±20
±100
±150
ppm/˚C (max)
I
R = 150 µA
±20
ppm/˚C
∆V
R/
∆I
R
Reverse Breakdown Voltage
Change with Operating
Current Change (Note 7)
I
RMIN
≤ I
R
≤ 1 mA
0.8
mV
1.5
2.0
mV (max)
3.5
4.0
mV (max)
1mA
≤ I
R
≤ 15 mA
8.0
mV
12.0
18.0
mV (max)
23.0
29.0
mV (max)
Z
R
Reverse Dynamic
Impedance
I
R = 1 mA, f = 120 Hz,
0.7
Ω
I
AC = 0.1 IR
1.7
2.3
Ω (max)
e
N
Wideband Noise
I
R = 150 µA
10 Hz
≤ f ≤ 10 kHz
180
µV
rms
∆V
R
Reverse Breakdown Voltage
Long Term Stability
t = 1000 hrs
T = 25˚C ±0.1˚C
120
ppm
I
R = 150 µA
V
HYST
Thermal Hysteresis
(Note 8)
∆T = −40˚C to +125˚C
0.08
%
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com