Electronic Components Datasheet Search
  English  ▼

X  

T491 Datasheet(PDF) 4 Page - Kemet Corporation

Part # T491
Description  T491, Tantalum, MnO2 Tantalum, 1 uF, 20%, 25 VDC, SMD, MnO2, Molded, 5Ohms, 3528, 2.1mm
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T491 Datasheet(HTML) 4 Page - Kemet Corporation

  T491 Datasheet HTML 1Page - Kemet Corporation T491 Datasheet HTML 2Page - Kemet Corporation T491 Datasheet HTML 3Page - Kemet Corporation T491 Datasheet HTML 4Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
These are simulations.
This is not a specification!
The responses shown represent the typical response for each part type. Specific responses may vary, depending on manufacturing variation affects of all parameters involved, including the specified
tolerances applied to capacitance and unspecified variations of ESR, ESL, and leakage resistance.
The responses shown do not represent a specified or implied maximum capability of the device for all applications.
The ESR used for ripple “Ripple Current/Voltage vs. Frequency” plots is the ESR at ambient temperature.
•
The ESR in the “Temperature Rise vs. Ripple Current” plots is adjusted to each incremental temperature rise before the power and ripple current is calculated.
•
The effects shown herein are based on measured data from a multiple part sample of the parts in question.
•
Ripple capability of this device will be factored by thermal resistance (Rth) created by circuit traces (addi affects of all parameters involved, including the specified tolerances applied to
capacitance and unspecified variations of ESR, ESL, and leakage resistance.
•
The peak voltages generated in the “Temperature Rise vs. Combined Ripple Currents” plot are calculated for each frequency and are not combined with voltages generated at any other
harmonics.
•
Please consult with the catalog or field applications engineer for maximum capability of the device in specific applications.
•
All product information and data (collectively, the “Information”) are subject to change without notice.
KEMET K-SIM is designed to simulate behavior of components with respect to frequency, ambient temperature, and DC bias levels. The responses shown represent the typical response for each part
type. Specific responses may vary, depending on manufacturing variation effects of all parameters involved, including the specified tolerances applied to capacitance and unspecified variations of ESR,
ESL, and leakage resistance.
All Information given herein is believed to be accurate and reliable, but is presented without guarantee, warranty, or responsibility of any kind, expressed or implied. Statements of suitability for certain
applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute – and we specifically disclaim – any warranty concerning suitability for a
specific customer application or use. This Information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application.
Any technical advice inferred from this Information or otherwise provided by us with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or
results obtained.
If you have any questions please contact K-SIM.
T491B105M025AT
T491, Tantalum, MnO2 Tantalum, 1 uF, 20%, 25 VDC, SMD, MnO2, Molded, 5
Ohms, 3528, 2.1mm
Generated 8/06/2024 - 8054effe-9dac-4c38-9708-d0c7b2c8e1a1
© 2006 - 2024 KEMET



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com