Electronic Components Datasheet Search
  English  ▼

X  

W475 Datasheet(PDF) 3 Page - Wilmar LLC

Part # W475
Description  Suggested New Additions
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERFORMANCETOOLS [Wilmar LLC]
Direct Link  https://wilmarllc.com/
Logo PERFORMANCETOOLS - Wilmar LLC

W475 Datasheet(HTML) 3 Page - Wilmar LLC

  W475 Datasheet HTML 1Page - Wilmar LLC W475 Datasheet HTML 2Page - Wilmar LLC W475 Datasheet HTML 3Page - Wilmar LLC W475 Datasheet HTML 4Page - Wilmar LLC W475 Datasheet HTML 5Page - Wilmar LLC W475 Datasheet HTML 6Page - Wilmar LLC W475 Datasheet HTML 7Page - Wilmar LLC W475 Datasheet HTML 8Page - Wilmar LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Newar Element 14_Suggested Addition_June19
Wilmar Corporation
Quotation Form - Page 3 of 8
Presented To:
Unless noted all quoted prices are valid for 30 days. Prepared on 6/13/2019
3pc 8" Socket Adapter Set
Part No.
Inner
Master
Min
UPC
W9036
10
60
039564133251
Mst Pack
11.2 D x 11.9 W x 8.5 H
Weight
49.2
Hang Tab
Transforms your power drill into a power nut/socket driver. Free spinning collar
allows you to maintain a positive grip while fastening. Durable Cr-V construction
with black phosphate finish. Ball bearing ensures sockets are securely seated. Color
coded 1/4, 3/8 and 1/2 inch drive sizes. 8 inch total length (200mm).
6pc Hook and Pick Set
Part No.
Inner
Master
Min
UPC
W947
6
24
039564110498
Mst Pack
0 D x 0 W x 0 H
Weight
Carded
Durable double-injection molded handles for grip and durability. Multi-functional
hook and pick set for uses such as removing fuses, separating wires and marking
metals and plastics.
4pc Double Ended Pick & Hook
Part No.
Inner
Master
Min
UPC
W80749
24
96
039564133190
Mst Pack
15.5 D x 10.2 W x 9.1 H
Weight
21.15
Carded
Use for precision assembly, hobby, pulling O-rings, cotter pins, springs, washers, etc.
Set includes four different tools, each with a different sharp stainless steel tipped
end. Pick and hook types: Small angle hook, straight pick, full hook and 90 degree
hook. These instruments are ideal for jewelers, mechanics, fishermen, gun repairs
and many more. 4pc set has knurled handles for a sure grip and a handy vinyl
storage pouch.
Flexible Magnetic Pickup Tool
Part No.
Inner
Master
Min
UPC
W83192
25
100
039564133213
Mst Pack
9.4 D x 13.1 W x 16.2 H
Weight
11.7
Carded
Ideal for retrieving nuts, bolts, metal pieces that have fallen into areas otherwise
inaccessible. Flexible shaft can be formed into a particular shape and hold it in
position. Super flexible with has a narrow 4mm head and a 300mm long shaft. Soft
grip handle provides comfort and control over the movement of the pick-up
magnet. When drilling or rethreading this narrow tool fits aperture to retrieve any
metal shards or debris.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com