Electronic Components Datasheet Search
  English  ▼

X  

LM4120 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4120
Description  Precision Micropower Low Dropout Voltage Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4120 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM4120 Datasheet HTML 1Page - National Semiconductor (TI) LM4120 Datasheet HTML 2Page - National Semiconductor (TI) LM4120 Datasheet HTML 3Page - National Semiconductor (TI) LM4120 Datasheet HTML 4Page - National Semiconductor (TI) LM4120 Datasheet HTML 5Page - National Semiconductor (TI) LM4120 Datasheet HTML 6Page - National Semiconductor (TI) LM4120 Datasheet HTML 7Page - National Semiconductor (TI) LM4120 Datasheet HTML 8Page - National Semiconductor (TI) LM4120 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Maximum Voltage on input or
enable pins
−0.3V to 14V
Output Short-Circuit Duration
Indefinite
Power Dissipation (T
A = 25˚C) (Note 2):
MA05B package −
θ
JA
280˚C/W
Power Dissipation
350 mW
ESD Susceptibility (Note 3)
Human Body Model
Machine Model
2kV
200V
Lead Temperature:
Soldering, (10 sec.)
+260˚C
Vapor Phase (60 sec.)
+215˚C
Infrared (15 sec.)
+220˚C
Operating Range (Note 1)
Storage Temperature
Range
−65˚C to +150˚C
Ambient Temperature
Range
−40˚C to +85˚C
Junction Temperature
Range
−40˚C to +125˚C
Electrical Characteristics
LM4120-1.8V, 2.048V and 2.5V Unless otherwise specified V
IN = 3.3V, ILOAD =0,COUT = 0.01µF, TA =
T
j = 25˚C. Limits with standard typeface are for Tj = 25˚C, and limits in boldface type apply over the −40˚C
≤ T
A
≤ +85˚C
temperature range.
Symbol
Parameter
Conditions
Min (Note 5)
Typ (Note
4)
Max (Note
5)
Units
V
OUT
Output Voltage Initial
Accuracy
LM4120A-1.800
LM4120A-2.048
LM4120A-2.500
±0.2
%
LM4120-1.800
LM4120-2.048
LM4120-2.500
±0.5
%
TCV
OUT/˚C
Temperature
Coefficient
−40˚C
≤ T
A
≤ +125˚C
14
50
ppm/˚c
∆V
OUT/
∆V
IN
Line Regulation
3.3V
≤ V
IN
≤ 12V
0.0007
0.008
0.01
%/V
∆V
OUT/
∆I
LOAD
Load Regulation
0mA
≤ I
LOAD
≤ 1 mA
0.03
0.08
0.17
%/mA
1mA
≤ I
LOAD
≤ 5 mA
0.01
0.04
0.1
−1 mA
≤ I
LOAD
≤ 0 mA
0.04
0.12
−5 mA
≤ I
LOAD
≤ −1 mA
0.01
V
IN−VOUT
Dropout Voltage
(Note 6)
I
LOAD =0mA
45
65
80
mV
I
LOAD = +1 mA
120
150
180
I
LOAD = +5 mA
180
210
250
V
N
Output Noise Voltage
(Note 8)
0.1 Hz to 10 Hz
20
µV
PP
10 Hz to 10 kHz
36
µV
PP
I
S
Supply Current
160
250
275
µA
I
SS
Power-down Supply
Current
Enable = 0.4V
−40˚C
≤ T
J
≤ +85˚C
Enable = 0.2V
1
2
µA
V
H
Logic High Input
Voltage
2.4
V
2.4
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com