Electronic Components Datasheet Search
  English  ▼

X  

IPV-65XXX Datasheet(PDF) 2 Page - Bud Industries, Inc.

Part # IPV-65XXX
Description  ALUMINUM IP68 NEMA/UL TYPE 4,4X, 6, 6P, 12, 13 WITH WELDED EXTERNAL MOUNTING BRACKET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BUD [Bud Industries, Inc.]
Direct Link  http://www.budind.com
Logo BUD - Bud Industries, Inc.

IPV-65XXX Datasheet(HTML) 2 Page - Bud Industries, Inc.

  IPV-65XXX Datasheet HTML 1Page - Bud Industries, Inc. IPV-65XXX Datasheet HTML 2Page - Bud Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BUD INDUSTRIES, INC.
 4605 E. 355th Street
Willoughby, Ohio 44094  (440) 946-3200  Fax (440) 951-4015
E-MAIL:
saleseast@budind.com  WEB SITE: www.budind.com
BUD WEST
 440-946-3200 saleswest@budind.com
Tradename
AN-A Series IP68
Benefits and Features
 0.09” External mounting brackets allow the box to be mounted on a wall or panel without
having to remove the cover and exposing internal components to the environment
 Pre molded continuous Silicon gasket with outstanding performance.
 Rugged #ADC-12 alloy die cast aluminum box
Available NEMA 6 (natural finish) & 6P (recommended powder coated Black for
extra corrosion protection)
 Test results exceeded the requirements in respect to IEC60529 IP68 conditions (UL
Type 6P tested under 6’ of water for 24 hours)
 Type 4X,6,6P,12,13 as listed under UL file #E194432
 Cover attaches with stainless screws torqued at 12 in-lb.
 Easily machined and modified to your particular requirements
 Offers EMC protection
Accessories
 Aluminum internal panels ANX-91xxx series
 IP67 Cable glands IPG series
 IP67 Round vents – IPV-67xxx series
 IP65 Rectangular vents – IPV-65xxx series



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com