Electronic Components Datasheet Search
  English  ▼

X  

TIOL221 Datasheet(PDF) 32 Page - Texas Instruments

Part # TIOL221
Description  TIOL221 Dual Channel IO-Link Device PHY With Integrated LDO and SPI
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TIOL221 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TIOL221 Datasheet HTML 28Page - Texas Instruments TIOL221 Datasheet HTML 29Page - Texas Instruments TIOL221 Datasheet HTML 30Page - Texas Instruments TIOL221 Datasheet HTML 31Page - Texas Instruments TIOL221 Datasheet HTML 32Page - Texas Instruments TIOL221 Datasheet HTML 33Page - Texas Instruments TIOL221 Datasheet HTML 34Page - Texas Instruments TIOL221 Datasheet HTML 35Page - Texas Instruments TIOL221 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 58 page
background image
8.2 STATUS Register (Address = 1h) [Reset = 00h]
STATUS is shown in Figure 8-2 and described in Table 8-4.
Return to the Summary Table.
Status registers reflect current status of various fault conditions. The registers are read-only and cleared
automatically when the fault is cleared. Note: Soft reset does not reset the STATUS register bits as the bits
reflect the current status of the faults. Read the MSB byte when reading the STATUS register because the POR
recovery bit is cleared by the time LSB byte is transferred to data output
Figure 8-2. STATUS Register
7
6
5
4
3
2
1
0
POR_RECOVE
RY
TSD
DI_LEVEL
DO_FAULT
CQ_FAULT
UV_V5
CQ_RX_LEVEL TEMP_WARN
RC-0b
R-0b
R-0b
R-0b
R-0b
R-0b
R-0b
R-0b
Table 8-4. STATUS Register Field Descriptions
Bit
Field
Type
Reset
Description
7
POR_RECOVERY
RC
0b
The bit is set when the device recovers from POR event. The bit is
cleared on read
0b = The device is operating normally
1b = The device has recovered from POR event
6
TSD
R
0b
The bit reflects the status of thermal shutdown. The bit is
automatically cleared when temperature falls below thermal
shutdown threshold
0b = No thermal shutdown
1b = Part in thermal shutdown
5
DI_LEVEL
R
0b
This bit is set when DI voltage is logic high and cleared when DI
voltage is logic low Note: This bit is invalid if DI_DIS bit is set to 1.
0b = 0x0
1b = 0x1
4
DO_FAULT
R
0b
The bit reflects the status of DO drive fault
0b = No fault at DO pin
1b = Fault at DO pin
3
CQ_FAULT
R
0b
This bit reflects the status of the CQ driver fault
0b = No fault at CQ pin
1b = Fault at CQ pin
2
UV_V5
R
0b
This bit reflects the status of the UV condition at the V5IN pin
0b = V5IN voltage above UVLO threshold
1b = V5IN below UVLO threshold
1
CQ_RX_LEVEL
R
0b
This bit is set when CQ voltage is logic high and cleared when CQ
voltage is logic low. Note: This bit is invalid if CQ_RX_DIS bit is set
to 1.
0b = 0x0
1b = 0x1
0
TEMP_WARN
R
0b
Shows the status of the device temperature above or below the
temperature warning threshold
0b = No temperature warning
1b = Device temperature is above the warning threshold
TIOL221
SLLSFS6C – SEPTEMBER 2024 – REVISED DECEMBER 2025
www.ti.com
32
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TIOL221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com