Electronic Components Datasheet Search
  English  ▼

X  

DAP222AM Datasheet(PDF) 1 Page - Rohm

Part # DAP222AM
Description  Switching Diode (High speed switching)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DAP222AM Datasheet(HTML) 1 Page - Rohm

  DAP222AM Datasheet HTML 1Page - Rohm DAP222AM Datasheet HTML 2Page - Rohm DAP222AM Datasheet HTML 3Page - Rohm DAP222AM Datasheet HTML 4Page - Rohm DAP222AM Datasheet HTML 5Page - Rohm DAP222AM Datasheet HTML 6Page - Rohm DAP222AM Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DAP222AM
Switching Diode (High speed switching)
Data sheet
 
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
          ●Outline
VRM
80
V
 
 
IFM
300
mA
 
 
Io
100
mA
 
 
IFSM
4000
mA
 
 
 
 
 
 
 
     
●Features
●Inner Circuit
High reliability
Small mold type
High Speed switching
●Application
●Packaging Specifications
High speed switching
Packing
Embossed Tape
Reel Size(mm)
180
Taping Width(mm)
8
●Structure
Basic Ordering Unit(pcs)
3000
Epitaxial planar
Taping Code
TL
Marking
1P
●Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Conditions
Limits
Unit
Reverse voltage
VR
-
80
V
Repetitive peak reverse voltage
VRM
-
80
V
Average rectified forward current
Io
-
100
mA
Forward current
IFM
-
300
mA
Peak forward surge current
IFSM
t=1μs
4000
mA
Power dissipation
*
     
PD
-
150
mW
Junction temperature
Tj
-
150
℃
Storage temperature
Tstg
-
-55 ~ 150
℃
* 2 elements total
●Characteristics (Ta=25℃, Per diode)
  
Parameter
Symbol
Conditions
Min.
Typ. Max.
Unit
Forward voltage
VF
IF=100mA
-
-
1.2
V
Reverse current
IR
VR=70V
-
-
0.1
μA
Capacitance between terminals
Ct
VR=6.0V , f=1MHz
-
-
3.5
pF
Reverse recovery time
trr
VR=6.0V , IF=5.0mA , RL=50Ω
-
-
4.0
ns
                                                                                         
www.rohm.com
1/4
 
2025/07/01_Rev.001
© 2025-ROHMCo., Ltd. All rights reserved.


Similar Part No. - DAP222AM

ManufacturerPart #DatasheetDescription
logo
Rohm
DAP222AMFH ROHM-DAP222AMFH Datasheet
1Mb / 7P
Switching Diode (High speed switching)
2025/07/01_Rev.001
More results

Similar Description - DAP222AM

ManufacturerPart #DatasheetDescription
logo
Rohm
1SS400CM ROHM-1SS400CM Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV70HY ROHM-BAV70HY Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV70HYFH ROHM-BAV70HYFH Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV99FMFH ROHM-BAV99FMFH Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAW56HY ROHM-BAW56HY Datasheet
1Mb / 8P
Switching Diode (High speed switching)
DAN202FM ROHM-DAN202FM Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAN222ZM ROHM-DAN222ZM Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAP202FM ROHM-DAP202FM Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAP202FMFH ROHM-DAP202FMFH Datasheet
1Mb / 7P
Switching Diode (High speed switching)
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com