Electronic Components Datasheet Search
  English  ▼

X  

MSC045SMB120B Datasheet(PDF) 10 Page - Microchip Technology

Part # MSC045SMB120B
Description  1200V, 45 mΩ N-Channel mSiC™ MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MSC045SMB120B Datasheet(HTML) 10 Page - Microchip Technology

Back Button MSC045SMB120B Datasheet HTML 5Page - Microchip Technology MSC045SMB120B Datasheet HTML 6Page - Microchip Technology MSC045SMB120B Datasheet HTML 7Page - Microchip Technology MSC045SMB120B Datasheet HTML 8Page - Microchip Technology MSC045SMB120B Datasheet HTML 9Page - Microchip Technology MSC045SMB120B Datasheet HTML 10Page - Microchip Technology MSC045SMB120B Datasheet HTML 11Page - Microchip Technology MSC045SMB120B Datasheet HTML 12Page - Microchip Technology MSC045SMB120B Datasheet HTML 13Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
MSC045SMB120B
Package Specification
 Data Sheet
© 2025 Microchip Technology Inc. and its subsidiaries
DS50004006A - 10
The following table shows the TO-247 dimensions and should be used in conjunction with the
package outline drawing.
Table 2-1. TO-247 Dimensions
Symbol
Description
Min. (mm)
Max. (mm)
N
Number of leads
3
e
Pitch
5.44 BSC
A
Overall height
4.70
5.31
A1
Tab height
1.50
2.49
A2
Seating plane to lead
2.21
2.59
b
Lead width
1.02
1.40
b1
Lead shoulder width (X2)
1.65
2.41
b2
Lead shoulder width
2.87
3.38
c
Lead thickness
0.41
0.79
L
Lead length
19.81
20.32
L1
Lead shoulder length
3.99
4.50
D
Molded body length
20.80
21.46
D1
Thermal pad length
16.25
17.65
E
Total width
15.49
16.26
E1
Thermal pad width
13.10
14.50
Q
Hole center to tab edge
6.15 REF
∅P
Hole diameter
3.51
3.81
∅P1
Thermal pad hole diameter
7.18 REF
Notes: 
Dimensioning and tolerancing per ASME Y14.5M.
• BSC: Basic dimension. Theoretically exact value shown without tolerances.
• REF: Reference dimension, usually without tolerance, for information purposes only.
2.2.
Product Marking Information
The following figure shows the product marking information of this device.
Figure 2-2. Product Marking Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com