Electronic Components Datasheet Search
  English  ▼

X  

SS210 Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # SS210
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SS210 Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  SS210 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SS210 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
.2
.3
.4
.5
.6
.7
.8
.9
0.01
0.1
1
10
100
Tj=25 C
Pulse Width=300 s
1% Duty Cycle
o
BLGALAXYELECTRICAL
Document Number 0281002
2.
10
0.001
0.001
0.01
0.1
1.0
20
0
40
6 0
8 0
1 00
TJ=125℃
TJ=25℃
NUMBER OF CYCLES AT 60Hz
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE,
LEAD TEMPERATURE
RATINGSANDCHARACTERISTICCURVES
SS22---SS210
FIG.3 -- TYPICAL FORWARD CHARACTERISTICS
FIG.4 -- TYPICAL REVERSE CHARACTERISTICS
FIG.1 -- FORWARD DERATING CURVE
FIG.2-- PEAK FORWARD SURGE CURRENT
1.0
0
50
Resistive or
inductive Load
P.C.B.MOUNTED ON
0.2X0.2(5.0X5.0mm)
COPPERPAD AREAS
2.0
60
70 80
90 100 110 120 130 140 150 160 170
0
1
1 0
1 0 0
T L =100
℃
8.3ms Single Half Sine-Wave
(JED E C M ethod)
30
6 0
www.galaxycn.com
SS28-SS210
SS22-SS26
SS28-SS210
SS22-SS26
15
45
75



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com