Electronic Components Datasheet Search
  English  ▼

X  

S2F Datasheet(PDF) 5 Page - Vishay Siliconix

Part # S2F
Description  Fast Acting Thin Film Chip Fuses
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S2F Datasheet(HTML) 5 Page - Vishay Siliconix

  S2F Datasheet HTML 1Page - Vishay Siliconix S2F Datasheet HTML 2Page - Vishay Siliconix S2F Datasheet HTML 3Page - Vishay Siliconix S2F Datasheet HTML 4Page - Vishay Siliconix S2F Datasheet HTML 5Page - Vishay Siliconix S2F Datasheet HTML 6Page - Vishay Siliconix S2F Datasheet HTML 7Page - Vishay Siliconix S2F Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
S2F
www.vishay.com
Vishay Sfernice
Revision: 09-Oct-2025
5
Document Number: 50087
For technical questions, contact: sferthinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
FUNCTIONAL PERFORMANCE
S2F04 (0402 Size) Chip Fuse
I-t Curve
S2F04 (0402 Size) Chip Fuse t-
I2t Curve
S2F06 (0603 Size) Chip Fuse
I-t Curve
10
100
1000
10000
0.001
0.01
0.1
1
10
100
0.1
1
10
100
Axis Title
Current (A)
▬▬▬
0.315 A
▬▬▬
0.500 A
▬▬▬
0.750 A
▬▬▬
0.800 A
▬▬▬
1.000 A
▬▬▬
1.250 A
▬▬▬
1.500 A
▬▬▬
1.600 A
▬▬▬
2.000 A
▬▬▬
2.500 A
▬▬▬
3.000 A
▬▬▬
3.150 A
▬▬▬
4.000 A
10
100
1000
10000
0.001
0.01
0.1
1
10
100
0.001
0.01
0.1
1
Axis Title
Clearing Time (s)
▬▬▬
0.315 A
▬▬▬
0.500 A
▬▬▬
0.750 A
▬▬▬
0.800 A
▬▬▬
1.000 A
▬▬▬
1.250 A
▬▬▬
1.500 A
▬▬▬
1.600 A
▬▬▬
2.000 A
▬▬▬
2.500 A
▬▬▬
3.000 A
▬▬▬
3.150 A
▬▬▬
4.000 A
10
100
1000
10000
0.001
0.01
0.1
1
10
100
0.1
1
10
100
Axis Title
Current (A)
▬▬▬
0.400 A
▬▬▬
0.500 A
▬▬▬
0.630 A
▬▬▬
0.800 A
▬▬▬
1.000 A
▬▬▬
1.250 A
▬▬▬
1.500 A
▬▬▬
1.600 A
▬▬▬
2.000 A
▬▬▬
2.500 A
▬▬▬
3.000 A
▬▬▬
3.150 A
▬▬▬
4.000 A
▬▬▬
5.000 A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com