Electronic Components Datasheet Search
  English  ▼

X  

LTC1060CSW Datasheet(PDF) 9 Page - Analog Devices

Part # LTC1060CSW
Description  Universal Dual Filter Building Block
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1060CSW Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC1060CSW Datasheet HTML 5Page - Analog Devices LTC1060CSW Datasheet HTML 6Page - Analog Devices LTC1060CSW Datasheet HTML 7Page - Analog Devices LTC1060CSW Datasheet HTML 8Page - Analog Devices LTC1060CSW Datasheet HTML 9Page - Analog Devices LTC1060CSW Datasheet HTML 10Page - Analog Devices LTC1060CSW Datasheet HTML 11Page - Analog Devices LTC1060CSW Datasheet HTML 12Page - Analog Devices LTC1060CSW Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
LTC1060
1060fb
Table 2. Wideband RMS Noise
fCLK
NOTCH/HP
BP
LP
VS
f0
(µVRMS)(µVRMS)(µVRMS)
CONDITIONS
±5V
50:1
49 (42)
52 (43)
75 (65)
Mode1, R1 = R2 = R3
±5V
100:1
70 (55)
80 (58)
90 (88)
Q = 1
±2.5V
50:1
33 (31)
36 (32)
48 (43)
±2.5V
100:1
48 (40)
52 (40)
66 (55)
±5V
50:1
20 (18)
150 (125)
186 (155)
Mode 1, Q = 10
±5V
100:1
25 (21)
220 (160)
240 (180)
R1 = R3 for BP out
±2.5V
50:1
16 (15)
100 (80)
106 (87)
R1 = R2 for LP out
±2.5V
100.1
20 (17)
150 (105)
150 (119)
±5V
50:1
57
57
62
Mode 3, R1 = R2 = R3 = R4
±5V
100:1
72
72
80
Q = 1
±2.5V
50:1
40
40
42
±2.5V
100.1
50
50
53
±5V
50:1
135
120
140
Mode 3, R2 = R4, Q = 10
±5V
100:1
170
160
185
R3 = R1 for BP out
±2.5V
50:1
100
88
100
R4 = R1 for LP and HP out
±2.5V
100:1
125
115
130
Short-Circuit Currents
Short circuits to ground, positive or negative power supply
are allowed as long as the power supplies do not exceed
±5V and the ambient temperature stays below 85˚C.
Above ±5V and at elevated temperatures, continuous
short circuits to the negative power supply will cause
excessive currents to flow. Under these conditions, the
device will get damaged if the short-circuit current is
allowed to exceed 80mA.
Each building block of the LTC1060, together with an
external clock and a few resistors, closely approximates
2nd order filter functions. These are tabulated below in the
frequency domain.
1. Bandpass function: available at the bandpass output
Pins 2 (19). (Figure 1.)
G(s) = HOBP
sωo/Q
s2 + (sωo/Q) + ωo2
HOBP = Gain at ω = ωo
f0 = ω/2π; f0 is the center frequency of the complex
pole pair. At this frequency, the phase shift
between input and output is –180˚.
Q = Quality factor of the complex pole pair. It is the
ratio of f0 to the –3dB bandwidth of the 2nd or-
der bandpass function. The Q is always mea-
sured at the filter BP output.
2. Lowpass function: available at the LP output Pins
1 (20). (Figure 2.)
G(s) = HOLP
ωo
s2 + s(ωo/Q) + ωo
2
2
HOLP DC gain of the LP output.
APPLICATIO S I FOR ATIO
DEFINITION OF FILTER FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com